Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V8X682-C-10 Datasheet(PDF) 11 Page - Superworld Electronics

Part # V8X682-C-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V8X682-C-10 Datasheet(HTML) 11 Page - Superworld Electronics

Back Button V8X682-C-10 Datasheet HTML 3Page - Superworld Electronics V8X682-C-10 Datasheet HTML 4Page - Superworld Electronics V8X682-C-10 Datasheet HTML 5Page - Superworld Electronics V8X682-C-10 Datasheet HTML 6Page - Superworld Electronics V8X682-C-10 Datasheet HTML 7Page - Superworld Electronics V8X682-C-10 Datasheet HTML 8Page - Superworld Electronics V8X682-C-10 Datasheet HTML 9Page - Superworld Electronics V8X682-C-10 Datasheet HTML 10Page - Superworld Electronics V8X682-C-10 Datasheet HTML 11Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V8X SERIES
9-3. Packaging Quantity
3000pcs/reel
T<1.25mm
T<0.90mm
4000pcs/reel
as possible or keep it in a desiccant with a desiccation agent.
package and do not open the outer wrapped, polyethylene bag, till just before usage. If is open, seal it as soon
are recommended to be used within 6 months from the date of manufacturing. Store the products in the original
Store the capacitors where the temp. and relative humidity do not exceed 40°C and 70%RH. Capacitors
165° to 180°
9-4. Tearing Off Force
-
Paper
Storage
Plastic
-
Plastic
Mat'l
Tape
Mat'l
Tape
Paper
in the arrow direction under the following conditions.
The force for tearing off cover tape is 5 to 70 grams
-
-
-
Top
cover tape
Base tape
1000pcs/reel
F
2000pcs/reel
700pcs/reel
T : Chip Thickness
3000pcs/reel
V4
0.90mm<T<1.25mm
4000pcs/reel
T<2.20mm
T<0.90mm
3000pcs/reel
T>1.25mm
V5 / V6
T>0.90mm
V2 / V3
-
-
V7 / V8
T>2.20mm
2000pcs/reel
T>1.25mm
-
-
PG. 11


Similar Description - V8X682-C-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com