Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3N180-B-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # V3N180-B-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V3N180-B-10 Datasheet(HTML) 5 Page - Superworld Electronics

  V3N180-B-10 Datasheet HTML 1Page - Superworld Electronics V3N180-B-10 Datasheet HTML 2Page - Superworld Electronics V3N180-B-10 Datasheet HTML 3Page - Superworld Electronics V3N180-B-10 Datasheet HTML 4Page - Superworld Electronics V3N180-B-10 Datasheet HTML 5Page - Superworld Electronics V3N180-B-10 Datasheet HTML 6Page - Superworld Electronics V3N180-B-10 Datasheet HTML 7Page - Superworld Electronics V3N180-B-10 Datasheet HTML 8Page - Superworld Electronics V3N180-B-10 Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V3N SERIES
7. RELIABILITY & TEST CONDITION :
Class II (X) : 2.5% maximum
Tan
arching on the chip surface, at voltage over 1000Vdc.
* Withstanding voltage testing requires immersion of the element in a isolation fluid prevent
45±1mm
A 5N f pull force shall be applied for 10±1second
C2 : Capacitance at test temperature (T2)
C1 : Capacitance at standard temperature (25°C)
T1 : Standard temperature (25°C)
T2 : Test temperature
Class II :
(C2-C1)/C1 x 100%
200V < V < 500V : 200% rated voltage
500V < V < 1000V : 150% rated voltage
1000 < V : 120% rated voltage
for 1-5sec. Current is limited to less than 50mA.
Class I :
[C2-C1/C1(T2-T1)] x 100%
Bending shall be applied to the 1.0mm with 1.0mm/sec
E/Z : < ±30.0%
X : < ±12.5%
N : < ±5.0%
C-Meter : Capacitance Change
Appearance :
No mechanical damage shall be occur
of Substrate
Resistance to Flexure
Class II (Z/E) : 4.0% maximum
Z
E
X
N
terminal electrode
No indication of peeling shall occur on the
Class II :
Char.
Char.
Class I :
breakdown
No dielectric breakdown or mechanical
of Termination
Adhesive Strength
Coefficient
Withstanding Voltage
Temperature Capacitance
+22% ~ -56%
+22% ~ -56%
Cap. Change (%)
±15%
+10°C ~ +85°C
-30°C ~ +85°C
Temp. Range
-55°C ~ +125°C
Cap. Change (%)
-55°C ~ +125°C
Temp. Range
±30ppm/°C
R230
45±1mm
C Meter
5N f
Z/E : Freq. = 1KHz±10%, Voltage = 1.0±0.2Vrms
X : Freq. = 1KHz±10%, Voltage = 1.0±0.2Vrms
room temp. for 24±2hr
Perform a heat temp. at 150±5°C for 30min. then place
Class II :
Class I :
is applied less than 50mA current
Charge Time: 60sec
V > 500V, Applied 500Vdc
V < 500V, Rated Voltage
Visual inspection
C > 100pF : Freq. = 1KHz±10%
C < 100pF : Freq. = 1MHz±10%, Voltage = 1.0±0.2Vrms
(C: Capacitance, pF)
30pF & below : Q > 400+20C
More than 30pF : Q > 1000
Class I (N) :
[Class I (N) & Class II]
product whichever is smaller
10,000M
or 500/C
No abnormal exterior appearance
Within the specified tolerance
Electrical Characteristics Test
Resistance
Capacitance
Q
ITEM
Visual
Insulation
PERFORMANCE
TEST CONDITION


Similar Description - V3N180-B-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V7N680-J-10 SUPERWORLD-V7N680-J-10 Datasheet
360Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com