Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86012-7400 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86012-7400
Description  ST Connectors & Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86012-7400 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86012-7400 Datasheet HTML 1Page - Molex Electronics Ltd. 86012-7400 Datasheet HTML 2Page - Molex Electronics Ltd. 86012-7400 Datasheet HTML 3Page - Molex Electronics Ltd. 86012-7400 Datasheet HTML 4Page - Molex Electronics Ltd. 86012-7400 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance and Specifications
Characteristics
Units
Min.
Typ.
Max.
Comments
Durability
~dB
-
-
0.1
Per FOTP-21A, 1000 cycles
cleaning every 100 cycles
Temperature Range:
Storage
ºC
-40
-
+80
May be further limited by cable specifications
Operating
ºC
-40
-
+80
May be further limited by cable specifications
Thermal Shock
~dB
-
-
0.1
-40ºC to +60ºC, 10 cycles
Temperature Cycling
~dB
-
-
0.1
-40ºC to +80ºC, 40 cycles
Humidity Cycling
~dB
-
-
0.1
Per FOTP-5, +60ºC at 95% RH for 504 hours
Cable Retention
~dB
-
-
0.2
Per FOTP-6, 40 lb. load without adhesive
ST Connector, Long Boot Style, Polymer Body
Mechanical Dimensions
ST Connector, Short Boot Style, Metal Body
0.405
010.3
ST Connectors & Adapters
0.098
2.5
0.314
8.0
2.70
68.6
CABLE
CABLE
1.790
45.5
0.314
8.0
0.098
2.5
0.372
9.4
1.790
45.5
All dimensions in INCHES
mm


Similar Part No. - 86012-7400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
86012012A TI1-86012012A Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
8601201CA TI1-8601201CA Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
More results

Similar Description - 86012-7400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com