Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39380-0102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39380-0102
Description  6.35 and 9.52mm (.250 and .375?? Pitch Beau짰 Eurostyle짰 Terminal Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39380-0102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39380-0102 Datasheet HTML 1Page - Molex Electronics Ltd. 39380-0102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
The new 38 and 39 series Eurostyle terminal
blocks from Molex are available in pitches of
6.35 and 9.52mm (.250 and .375”), the
same pitch sizes as our most popular barrier
style blocks.
This allows for easy changing or upgrading
of existing PC boards from a more
traditional style barrier block to a widely
accepted European version, and also offers
customers a choice as to which wiring
interface they prefer.
Reference Information
Packaging: Box
UL File No.: E48521
Guide No.: XCFR2
UL for Canada File No.: E48521
Guide No.: XCFR8 (Pending)
Electrical
Voltage:
39380 – 300V
39390 – 600V
Current: 30.0A
Contact Resistance: 15 milliohms max.
Insulation Resistance: 1000 Megohms
(500V DC) min.
Mechanical
Wire Range: 10 to 30 AWG
(5.27-0.05mm2)
Strip Length: 7.00mm (.276”)
Tightening Torque: 0.90 Nm (8.00 in-lbs)
Operating Temperature: +110°C
Physical
Housing: Polyamide 6.6 UL 94V-0, Black
Contact: Copper Alloy
Screw: M3.5 Slotted, Copper Alloy
Cage Clamp: Copper Alloy
Plating:
Contact – Tin
Screw – Nickel
Cage Clamp – Nickel
Features and Benefits
I
Available in 2 or 3 circuits with dovetail
feature for easy assembly to required
circuit count while maintaining pitch
I
Rising cage clamp system holds wires for a
secure, reliable contact
I
Industry standard footprints are
interchangeable for other industry-
standard barrier style and European style
terminal blocks
Beau Eurostyle terminal blocks feature the same PCB footprint as our most
popular barrier style terminal blocks
6.35 and 9.52mm
(.250 and .375”) Pitch
Beau® Eurostyle®
Terminal Blocks
39380, 39390
Fixed, Straight


Similar Part No. - 39380-0102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39380-0102 MOLEX11-39380-0102 Datasheet
38Kb / 1P
   6.35mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block
More results

Similar Description - 39380-0102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39890-03 MOLEX-39890-03 Datasheet
446Kb / 2P
   5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Low Profile Terminal Blocks
39890-05 MOLEX-39890-05 Datasheet
186Kb / 2P
   5.00 and 5.08mm (.197 and .200?? Pitch Beau짰 Eurostyle짰 Multi-Level, Fixed Terminal Blocks
39357-0002 MOLEX-39357-0002 Datasheet
820Kb / 2P
   3.50mm (.138?? Pitch 35 Series Beau짰 Eurostyle짰 Fixed Terminal Blocks
39371-00 MOLEX-39371-00 Datasheet
228Kb / 2P
   7.50mm (.295?? Pitch 37 Series Beau짰 Eurostyle짰 Pluggable Terminal Blocks
logo
List of Unclassifed Man...
1517W ETC2-1517W Datasheet
275Kb / 8P
   .375 (9.52mm) Center-to-Center Spacing
logo
Molex Electronics Ltd.
0393900103 MOLEX5-0393900103 Datasheet
110Kb / 2P
   9.52mm (.375") Pitch Beau??Eurostyle??Fixed Mount PCB Terminal Block, Modular, 3 Circuits
0393900102 MOLEX5-0393900102 Datasheet
110Kb / 2P
   9.52mm (.375") Pitch Beau??Eurostyle??Fixed Mount PCB Terminal Block, Modular, 2 Circuits
logo
Littelfuse
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
   Fuse Blocks and Clips Screw Terminal
logo
TE Connectivity Ltd
ENG_CD_42802_AG TEC-ENG_CD_42802_AG Datasheet
43Kb / 1P
   TAB, FASTON, 6.35 [.250] SERIES
12/9/91
logo
Molex Electronics Ltd.
130180-0408 MOLEX11-130180-0408 Datasheet
31Kb / 1P
   3/4 Cord Grip Grommet, F3 Body Size 6.35-9.53mm (.250-.375) Cord Diameter, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com