Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD1605S-2415D-1 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDD1605S-2415D-1
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD1605S-2415D-1 Datasheet(HTML) 1 Page - Central Technologies

  CTDD1605S-2415D-1 Datasheet HTML 1Page - Central Technologies CTDD1605S-2415D-1 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Iout
Iout
Part
Max.
Min.
Number
Vin Nom.
Input Range
Vout
(mA)
(mA)
Effi(Typ.)
CTDD1605S-0505D-1
5VDC
4.5-5.5VDC
±5VDC
100
10
72%
CTDD1605S-0509D-1
5VDC
4.5-5.5VDC
±9VDC
56
6
75%
CTDD1605S-0512D-1
5VDC
4.5-5.5VDC
±12VDC
42
5
78%
CTDD1605S-0515D-1
5VDC
4.5-5.5VDC
±15VDC
33
4
78%
CTDD1605S-1205D-1
12VDC
10.8-13.2VDC
±5VDC
100
10
74%
CTDD1605S-1209D-1
12VDC
10.8-13.2VDC
±9VDC
56
6
75%
CTDD1605S-1212D-1
12VDC
10.8-13.2VDC
±12VDC
42
5
79%
CTDD1605S-1215D-1
12VDC
10.8-13.2VDC
±15VDC
33
4
79%
CTDD1605S-2405D-1
24VDC
21.6-26.4VDC
±5VDC
100
10
71%
CTDD1605S-2409D-1
24VDC
21.6-26.4VDC
±9VDC
56
6
76%
CTDD1605S-2412D-1
24VDC
21.6-26.4VDC
±12VDC
42
5
79%
CTDD1605S-2415D-1
24VDC
21.6-26.4VDC
±15VDC
33
4
80%
ISOLATION SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Isolation Voltage
Tested for 1 minute
1000
VDC
Isolation Resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Output Power
0.1
1
W
Line regulation
For Vin change of 1%
1.2
%
Load regulation
10% to 100% full load
10
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/°C
Output ripple
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
150
200
KHz
CTDD1605S-D Series
Fixed Input Isolated & Unregulated
1W Output, Dual Output
Not shown at actual size.
FEATURES
Efficiency: To 85%
Temperature Range: -40°C to 85°C
Isolation: 1KVDC
Power Density: 0.85W/cm3
Package: UL94-V0
Miscellaneous: No heatsink required. No external components
required. Industry standard pinout. Positive & Negative Voltage
Output. Custom service available.
Samples available.
CHARACTERISTICS
Short Circuit Protection: 1 second
Temperature Rise at Full Load: 25°C Max. 15°C Typ.
Cooling: Free air convection
Operating Temperature Range: -40°C to +85°C
Storage Temperature Range: -55°C to +125°C
Lead Temperature: 300°C (1.5mm from case for 10 seconds)
Storage Humidity Range: < 95%
Case Material: Plastic (UL94-V0)
MTBF: >1,000,000 hours
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless
otherwise specified.
12.08.04
TYPICAL CHARACTERISTICS
+10%
Tolerance Envelope Graph
Temperature Derating Graph
Safe Operating Area
10%
50%
100%
Output Current(%)
+2.5%
120
60
40
20
0
-40
0
40
80
120
Ambient Temperature(°C)
80
100
-2.5%
-7.5%
Typical
Load
Line
+5%
Nominal
Voltage


Similar Part No. - CTDD1605S-2415D-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD1605SF-0303-SU1K-1 CT-CTDD1605SF-0303-SU1K-1 Datasheet
184Kb / 2P
   DC/DC Converters
CTDD1605SF-0305-SU1K-1 CT-CTDD1605SF-0305-SU1K-1 Datasheet
184Kb / 2P
   DC/DC Converters
CTDD1605SF-0503-SU1K-1 CT-CTDD1605SF-0503-SU1K-1 Datasheet
184Kb / 2P
   DC/DC Converters
CTDD1605SF-0505-DU3K-1 CT-CTDD1605SF-0505-DU3K-1 Datasheet
257Kb / 2P
   DC/DC Converters
CTDD1605SF-0505-SU1K-1 CT-CTDD1605SF-0505-SU1K-1 Datasheet
184Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD1605S-2415D-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com