Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G14 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G14
Description  SINGLE SCHMITT-TRIGGER INVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G14 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G14 Datasheet HTML 1Page - Texas Instruments SN74LVC1G14 Datasheet HTML 2Page - Texas Instruments SN74LVC1G14 Datasheet HTML 3Page - Texas Instruments SN74LVC1G14 Datasheet HTML 4Page - Texas Instruments SN74LVC1G14 Datasheet HTML 5Page - Texas Instruments SN74LVC1G14 Datasheet HTML 6Page - Texas Instruments SN74LVC1G14 Datasheet HTML 7Page - Texas Instruments SN74LVC1G14 Datasheet HTML 8Page - Texas Instruments SN74LVC1G14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74LVC1G14
SINGLE SCHMITT-TRIGGER INVERTER
SCES218S – APRIL 1999 – REVISED SEPTEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
1.65 V
0.79
1.16
VT+
2.3 V
1.11
1.56
Positive-going
3 V
1.5
1.87
V
input threshold
4.5 V
2.16
2.74
voltage
5.5 V
2.61
3.33
1.65 V
0.39
0.62
VT–
2.3 V
0.58
0.87
Negative-going
3 V
0.84
1.14
V
input threshold
4.5 V
1.41
1.79
voltage
5.5 V
1.87
2.29
1.65 V
0.37
0.62
2.3 V
0.48
0.77
∆V
T
Hysteresis
3 V
0.56
0.87
V
(VT+ – VT–)
4.5 V
0.71
1.04
5.5 V
0.71
1.11
IOL = –100 µA
1.65 V to 4.5 V
VCC – 0.1
IOL = –4 mA
1.65 V
1.2
IOL = –8 mA
2.3 V
1.9
VOH
V
IOL = –16 mA
2.4
3 V
IOL = –24 mA
2.3
IOL = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 4.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A input
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2.8
9.9
1.6
5.5
1.5
4.6
0.9
4.4
ns
4


Similar Part No. - SN74LVC1G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
740Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14 TI-SN74LVC1G14 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVC1G14MDCKREP
SN74LVC1G14 TI1-SN74LVC1G14 Datasheet
1Mb / 33P
[Old version datasheet]   Single Schmitt-Trigger Inverter
SN74LVC1G14 TI1-SN74LVC1G14 Datasheet
1Mb / 20P
[Old version datasheet]   SN74LVC1G14-Q1 Single Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC1G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com