Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86166-1100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86166-1100
Description  SC Duplex Connectors & Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86166-1100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86166-1100 Datasheet HTML 1Page - Molex Electronics Ltd. 86166-1100 Datasheet HTML 2Page - Molex Electronics Ltd. 86166-1100 Datasheet HTML 3Page - Molex Electronics Ltd. 86166-1100 Datasheet HTML 4Page - Molex Electronics Ltd. 86166-1100 Datasheet HTML 5Page - Molex Electronics Ltd. 86166-1100 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Utilizes standard NTT-SC*
connectors
Meets EIA/TIA 568A and
IEC 874-19 standards
Easy to assemble 1-piece
SC connector body
Low insertion loss:
< 0.15 dB typical SM
< 0.34 dB typical MM
< 0.17 dB typical MM enhanced
Rugged duplex housing provides uniform and
smooth mating
Optional adapter styles:
SC to SC and SC to ST
Snap mount or flange mount
SC Duplex Connectors & Adapters
Applications
Telecommunication networks
Data communication networks
Fibre Channel
Features & Benefits
The SC Duplex Connection System has been designed to maintain fiber optic cabling polarity in the telecommunication and
data communication networks.
The connector system combines two, widely accepted, NTT-SC standard connectors in a common duplex housing. This
housing, while maintaining polarity of the cable, provides smooth insertion and removal of the connector pairs. By using the
Molex SC connectors, economic benefits of the easy to assemble one-piece connector body and the reliability of a Telcordia
and IEC tested connector design can be realized in a duplex configuration. They are also available with the fibre channel
standard compliant housing.
To support the use of optical fiber as a cabling media in the network, especially in the horizontal premises applications, Molex
offers a variety of duplex adapters. The SC to SC combination, available in flange mount or snap mount versions, supports the
EIA/TIA commercial building telecommunication wiring standards, and the SC to ST, also available in the flange or snap mount
versions, supports the migration to these standards. These adapters are now available with a snap-on shutter assembly
which provides a barrier against laser exposure and dust contamination. All adapter styles are available with either the
zirconia ceramic or phosphor bronze sleeves.
*NTT-SC is a trademark of NTT Advanced Technology Corporation
†ST is a trademark of Lucent Technologies
Mechanical Dimensions
SC Duplex Connector
All dimensions in INCHES
mm
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber


Similar Part No. - 86166-1100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8616 ETC2-8616 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Molex Electronics Ltd.
86160-0000 MOLEX-86160-0000 Datasheet
107Kb / 4P
   86065-5000
More results

Similar Description - 86166-1100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
   Duplex MMF Coupler (SC-SC)
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
   Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX101941 ETC2-AX101941 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
AX101942 ETC2-AX101942 Datasheet
98Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
logo
Tripp Lite. All Rights ...
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
   Duplex MMF / SMF Coupler (SC/SC)
logo
List of Unclassifed Man...
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
PE300109-1 PASTERNACK-PE300109-1 Datasheet
179Kb / 1P
   CABLE ASSEMBLY DUPLEX 10GIG SC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com