Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G125DCK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC1G125DCK
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G125DCK Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G125DCK Datasheet HTML 1Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 2Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 3Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 4Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 5Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 6Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 7Page - Texas Instruments SN74LVC1G125DCK Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LVC1G125
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES223C – APRIL 1999 – REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 2.5 V ± 0.2 V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VOL + 0.15 V
VOH – 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
VCC/2
VCC/2
Output
Control
0 V
VCC
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC1G125DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G125DCK3 TI1-SN74LVC1G125DCK3 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74LVC1G125DCKJ TI1-SN74LVC1G125DCKJ Datasheet
1Mb / 37P
[Old version datasheet]   SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
SN74LVC1G125DCKJ TI1-SN74LVC1G125DCKJ Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74LVC1G125DCKR TI-SN74LVC1G125DCKR Datasheet
630Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125DCKR TI-SN74LVC1G125DCKR Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - SN74LVC1G125DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G126 TI-SN74LVC1G126 Datasheet
119Kb / 8P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125Q TI1-SN74AHC125Q_15 Datasheet
736Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74F126 TI1-SN74F126_14 Datasheet
586Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74HC125-Q1 TI1-SN74HC125-Q1 Datasheet
185Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125-EP TI1-SN74AHC125-EP Datasheet
437Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com