Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8819AEGA290Z Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8819AEGA290Z
Description  Low Dropout 600mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819AEGA290Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8819AEGA290Z Datasheet HTML 7Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 8Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 9Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 10Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 11Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 12Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 13Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 14Page - Analog Microelectronics AME8819AEGA290Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AME
Rev.B.01
11
AME8819
Low Dropout
600mA CMOS Regulator
Note 1: V
IN(MIN)=VOUT+VDROP .
n Electrical Specifications
Parameter
Symbol
Min Typ Max Units
Enable High (enabled)
VEN(HI)
1.4
VIN
V
Enable Low (shutdown)
VEN(LO)
0
0.4
V
Enable Pin Current
(enabled)
IEN
0.1
1
µA
TSHDN
150
TRS
130
VEN = VIN
Test Conditions
Restore, temperature decreasing
Thermal Shutdown
Temperature
Shutdown, temperature increasing
VIN(min) ≦ VIN ≦ 5.5V
VIN(min) ≦ VIN ≦ 5.5V
OC


Similar Part No. - AME8819AEGA290Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819AEGA250Z AME-AME8819AEGA250Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819AEGA290Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com