Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86065-5600 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 86065-5600
Description  86065-5000
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86065-5600 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  86065-5600 Datasheet HTML 1Page - Molex Electronics Ltd. 86065-5600 Datasheet HTML 2Page - Molex Electronics Ltd. 86065-5600 Datasheet HTML 3Page - Molex Electronics Ltd. 86065-5600 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SC/APC Connectors & Adapters
Order Number
Description
Hole size
Cable size
86065-5000
SC connector, APC, zirconia ferrule
126µm
3.0mm
86065-5300
SC connector, APC, zirconia ferrule
126µm
2.4mm
86065-5500
SC connector, APC, zirconia ferrule, buffered fiber
126µm
900µm buffered fiber
86065-5400
SC connector, APC, zirconia ferrule, 90º boot
126µm
3.0mm
86065-5600
SC connector, APC, zirconia ferrule, 90º boot
126µm
2.4mm
86161-0000
SC adapter, zirconia alignment sleeve, blue housing
86160-0000
SC adapter, phosphor bronze alignment sleeve, blue housing
86161-3000
SC adapter, zirconia alignment sleeve, green housing
86160-3000
SC adapter, phosphor bronze alignment sleeve, green housing
86170-0550
SC adapter, zirconia alignment sleeve, blue housing, shutter
86170-0520
SC adapter, zirconia alignment sleeve, green housing, shutter
86171-0550
SC adapter, phosphor bronze alignment sleeve, blue housing, shutter
86171-0520
SC adapter, phosphor bronze alignment sleeve, green housing, shutter
Standard Part Numbers
86001-0098 Rev. 1
USA/30MFO/2000.09
©2000, Molex
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.


Similar Part No. - 86065-5600

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8606 FILTRAN-8606 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8606 ETC2-8606 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8606 APITECH-8606 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
TEKTRONIX, INC.
8606 TEKTRONIX-8606 Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
8606 TEKTRONIX-8606 Datasheet
2Mb / 16P
   2461-EC Graphical Potentiostat
More results

Similar Description - 86065-5600

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
   99-5000
logo
Winchester Electronics ...
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
   KTH-5000 SERIES
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
   Neuron짰 5000 Processor
logo
Ralston Instruments.
XHGV-5KPSI-M RALSTON-XHGV-5KPSI-M Datasheet
363Kb / 2P
   XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
logo
NHP Electrical Engineer...
5094-MB NHP-5094-MB Datasheet
498Kb / 1P
   FLEX 5000 MOUNTING BASE
8 June 2023,
5094-RTB3S NHP-5094-RTB3S Datasheet
402Kb / 1P
   FLEX 5000 RTB SPRING
8 June 2023,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com