Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN74LVC1G04 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC1G04
Description  SINGLE INVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1G04
SINGLE INVERTER GATE
SCES214S – APRIL 1999 – REVISED OCTOBER 2005
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PM150DSA120Intellimod™ Module Single Phase IGBT Inverter Output 150 Amperes/1200 Volts 1 2 3 4 5 MorePowerex Power Semiconductors
74V1T05SINGLE INVERTER OPEN DRAIN 1 2 3 4 5 MoreSTMicroelectronics
SN74AUC1GU04SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
BU4SU69G2Single inverter 1 2 3 4 5 Rohm
74V1T14SINGLE SCHMITT INVERTER 1 2 3 4 5 MoreSTMicroelectronics
SN74LVC1G14SINGLE SCHMITT-TRIGGER INVERTER 1 2 3 4 5 MoreTexas Instruments
SN74AUP1G04LOW POWER SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
SN74AHC1G04-Q1SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
SN74LVC1GU04SINGLE INVERTER GATE 1 2 3 4 5 MoreTexas Instruments
74V2GU04TRIPLE INVERTER SINGLE STAGE 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl