Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCDRH125F-680M Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH125F-680M
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH125F-680M Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH125F-680M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
08.25.08
SPECIFICATIONS
Part numbers indicate tolerance available.
N = +40% -20% , M = ±20%
CTCDRH125F Please specify “F” for RoHS Compliant
*IDC: The DC current at which the inductance decreases to 75% of it’s nominal value or
when
ΔT=40°C, whichever is lower (Ta=20°C).
L Test
DCR
*IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTCDRH125_-1R3N
1.3
1.0
.008
11.8
CTCDRH125_-2R1N
2.1
1.0
.011
9.8
CTCDRH125_-3R1N
3.1
1.0
.017
6.0
CTCDRH125_-4R4N
4.4
1.0
.020
5.0
CTCDRH125_-5R8N
5.8
1.0
.021
4.4
CTCDRH125_-7R5N
7.5
1.0
.024
4.2
CTCDRH125_-7R6N
7.6
1.0
.026
4.5
CTCDRH125_-100M
10
1.0
.03
4.0
CTCDRH125_-120M
12
1.0
.03
3.5
CTCDRH125_-150M
15
1.0
.03
3.3
CTCDRH125_-180M
18
1.0
.03
3.0
CTCDRH125_-220M
22
1.0
.04
2.8
CTCDRH125_-270M
27
1.0
.05
2.3
CTCDRH125_-330M
33
1.0
.06
2.1
CTCDRH125_-390M
39
1.0
.07
2.0
CTCDRH125_-470M
47
1.0
.08
1.8
CTCDRH125_-560M
56
1.0
.11
1.7
CTCDRH125_-680M
68
1.0
.12
1.5
CTCDRH125_-820M
82
1.0
.14
1.4
CTCDRH125_-101M
100
1.0
.16
1.3
CTCDRH125_-121M
120
1.0
.17
1.1
CTCDRH125_-151M
150
1.0
.23
1.0
CTCDRH125_-181M
180
1.0
.29
0.9
CTCDRH125_-221M
220
1.0
.40
0.8
CTCDRH125_-271M
270
1.0
.46
0.8
CTCDRH125_-331M
330
1.0
.51
0.7
CTCDRH125_-391M
390
1.0
.69
0.7
CTCDRH125_-471M
470
1.0
.77
0.6
CTCDRH125_-561M
560
1.0
.86
0.5
CTCDRH125_-681M
680
1.0
1.2
0.5
CTCDRH125_-821M
820
1.0
1.3
0.4
CTCDRH125_-102M
1000
1.0
1.5
0.4
CTCDRH125 Series
From 1.3 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +100°C
Storage Temperature: -40°C to +100°C
Inductance Tolerance: +40%-20% , ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
ENGINEERING KIT #23F
Size
A
B
C
D
Max.
Max.
mm
12.8
6
7.6±0.2
5±0.2
inches
0.504
0.24
0.30±0.008
0.2±0.007


Similar Part No. - CTCDRH125F-680M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH125F CT-CTCDRH125F Datasheet
398Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH125F-680M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com