Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCH875F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCH875F
Description  Peaking Coils - Radial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCH875F Datasheet(HTML) 1 Page - Central Technologies

  CTCH875F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Peaking Coils - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.22.07
SPECIFICATIONS
Parts numbers indicate available inductance tolerance.
K = ±10%, M = ±20%
Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTCH875F-100M
10
2.52M
0.05
2.90
CTCH875F-120M
12
2.52M
0.06
2.50
CTCH875F-150K
15
2.52M
0.07
2.20
CTCH875F-180K
18
2.52M
0.08
1.90
CTCH875F-220K
22
2.52M
0.09
1.80
CTCH875F-270K
27
2.52M
0.11
1.70
CTCH875F-330K
33
2.52M
0.13
1.50
CTCH875F-390K
39
2.52M
0.14
1.30
CTCH875F-470K
47
2.52M
0.15
1.30
CTCH875F-560K
56
2.52M
0.18
1.20
CTCH875F-680K
68
2.52M
0.20
1.10
CTCH875F-820K
82
2.52M
0.24
1.00
CTCH875F-101K
100
1.00k
0.28
0.89
CTCH875F-121K
120
1.00k
0.36
0.81
CTCH875F-151K
150
1.00k
0.42
0.72
CTCH875F-181K
180
1.00k
0.57
0.66
CTCH875F-221K
220
1.00k
0.63
0.57
CTCH875F-271K
270
1.00k
0.88
0.51
CTCH875F-331K
330
1.00k
1.05
0.46
CTCH875F-391K
390
1.00k
1.17
0.44
CTCH875F-471K
470
1.00k
1.34
0.41
CTCH875F-561K
560
1.00k
1.72
0.36
CTCH875F-681K
680
1.00k
1.96
0.33
CTCH875F-821K
820
1.00k
2.56
0.30
CTCH875F-102K
1000
1.00k
2.94
0.27
CTCH875F-122K
1200
1.00k
4.04
0.24
CTCH875F-152K
1500
1.00k
4.70
0.22
CTCH875F-182K
1800
1.00k
5.05
0.20
CTCH875F-222K
2200
1.00k
6.25
0.18
CTCH875F-272K
2700
1.00k
8.72
0.16
CTCH875F-332K
3300
1.00k
10.60
0.15
CTCH875F-392K
3900
1.00k
14.20
0.14
CTCH875F-472K
4700
1.00k
16.70
0.12
CTCH875F-562K
5600
1.00k
18.70
0.11
CTCH875F-682K
6800
1.00k
21.80
0.10
CTCH875F-822K
8200
1.00k
28.70
0.093
CTCH875F-103K
10000
1.00k
33.00
0.084
CTCH875F Series
From 10 µH to 10,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded fixed inductor
Applications: High reliability, efficiency and saturation. Ideal for
use as a power choke coil in switching power supply, TV sets,
video appliances, and industrial equipment as well as use as a
peaking coil in filtering applications
Inductance Tolerance: ±10%, ±20%
Testing: Tested on a HP4285A or HP4284A at specified
frequency
Packaging: Bulk packaging
Rated Current: The rated D.C. current indicates the value of
current when the inductance is 10% lower than its initial value at
D.C. superposition or D.C. current when at
Δt=40°C whichever is
lower. (Ta=20°C)
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
øD
øC
AB
E
Size
A
B
C
D
E
Max.
mm
7.5
5.0±1.0
0.7+0.1,-0.05
7.8±0.5
5.0±0.3
inches
0.3
0.20±0.04
0.027+0.004,-0.002
0.30±0.02
0.20±0.012
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTCH875F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCH855F CT-CTCH855F Datasheet
480Kb / 1P
   Peaking Coils - Radial
CTCH855F-100M CT-CTCH855F-100M Datasheet
480Kb / 1P
   Peaking Coils - Radial
CTCH855F-101K CT-CTCH855F-101K Datasheet
480Kb / 1P
   Peaking Coils - Radial
CTCH855F-102K CT-CTCH855F-102K Datasheet
480Kb / 1P
   Peaking Coils - Radial
CTCH855F-103K CT-CTCH855F-103K Datasheet
480Kb / 1P
   Peaking Coils - Radial
More results

Similar Description - CTCH875F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
   Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
   Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
   Peaking Coils - Radial
CTRL5480F-3 CT-CTRL5480F-3 Datasheet
331Kb / 1P
   Peaking Coils - Radial
CT181LYF CT-CT181LYF Datasheet
165Kb / 1P
   Peaking Coils - Radial
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
   Peaking Coils - Radial
CTCH108F CT-CTCH108F Datasheet
476Kb / 1P
   Peaking Coils - Radial
CTRFB1010F CT-CTRFB1010F Datasheet
489Kb / 1P
   Peaking Coils - Radial
CTRFB0810F CT-CTRFB0810F Datasheet
318Kb / 1P
   Peaking Coils - Radial
CT622LYF CT-CT622LYF Datasheet
176Kb / 1P
   Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com