Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT17 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # APT17
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APT17 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button APT17 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited APT17 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HIGH VOLTAGE NPN TRANSISTOR
APT17
7
May. 2009 1. 1
BCD Semiconductor Manufacturing Limited
Data Sheet
TO-92 Ammo Packing
Unit: mm(inch)
Mechanical Dimensions (Continuted)
12.400(0.488)
13.000(0.512)
4.400(0.173)
4.600(0.181)
1.000 (0.039) MAX
17.500(0.689)
19.000(0.748)
8.500(0.335)
9.500(0.374)
3.550(0.140)
4.150(0.163)
15.500(0.610)
16.500(0.650)
19.000(0.748)
21.000(0.827)
12.500(0.492)
12.900(0.508)
6.050(0.238)
6.650(0.262)
3.800(0.150)
4.200(0.165)
0.150(0.006)
0.250(0.010)
0.350(0.014)
0.450(0.018)
2.200(0.087)
2.800(0.110)
2.500(0.098)
MIN
5.500(0.217)
6.500(0.256)
3.400(0.134)
3.600(0.142)
4.400(0.173)
4.600(0.181)
0.380(0.015)
0.550(0.022)
2.200(0.087)
2.800(0.110)
±
1.000(0.039)
Δ
P
±
1.000(0.039)
Δ
h


Similar Part No. - APT17

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APT17 BCDSEMI-APT17 Datasheet
706Kb / 10P
   HIGH VOLTAGE NPN TRANSISTOR
logo
Microsemi Corporation
APT17F100B MICROSEMI-APT17F100B Datasheet
134Kb / 4P
   N-Channel FREDFET 1000V, 17A, 0.80廓 Max, trr ??45ns
APT17F100B MICROSEMI-APT17F100B Datasheet
133Kb / 4P
   N-Channel FREDFET
logo
Inchange Semiconductor ...
APT17F100B ISC-APT17F100B Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT17F100B MICROSEMI-APT17F100B_09 Datasheet
133Kb / 4P
   N-Channel FREDFET
More results

Similar Description - APT17

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com