Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8819AEHT180Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8819AEHT180Z
Description  Low Dropout 600mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819AEHT180Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8819AEHT180Z Datasheet HTML 6Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 7Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 8Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 9Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 10Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 11Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 12Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 13Page - Analog Microelectronics AME8819AEHT180Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AME
AME8819
Low Dropout
600mA CMOS Regulator
10
Rev.B.01
n Electrical Specifications
V
IN = VOUT(NOM) + 1V, IOUT = 1mA, CIN=1µF, COUT = 4.7µF, Typical values at TA = 25
oC, unless otherwise noted.
Parameter
Symbol
Min
Typ Max Units
Input Voltage
VIN
(Note1)
5.5
V
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
0.970
0.980 0.990
V
Output Voltage Accuracy
VOUT,ACC
-2
2
%
Output Voltage Range
VOUT
1.8
4.5
V
Output Current
IOUT
600
mA
Quiescent Current
IQ
70
100
µA
800
1000
540
800
470
650
VIN(min)≦VIN≦VIN(max)
-0.4
0.1
0.4
VIN(min)≦VIN≦VIN(max)
-0.2
0.03
0.2
VOUT+0.3V≦VIN≦VIN(max)
-0.1
0.01
0.1
-0.015
0.01
-0.005
0.004
-0.003
0.002
Output Current Limit
ILIM
650
800
mA
Shutdown Current
ISHDN
5
10
µA
Dropout Voltage
VDROP
%/mA
1mA≦ IOUT≦600mA
REGLOAD
Output Voltage Load
Regulation
[(
∆V
OUT / VOUT) x 100%]
/
∆IOUT
%/V
mV
2.5V≦ VOUT<3.3V,
VIN=Vin(min)
3.3V≦ VOUT≦ 4.5V,
VIN=Vin(min)
Test Conditions
VIN = 5.5V, IOUT = 1mA
dB
Power Supply Ripple
Rejection
PSRR
f = 1KHz, IOUT = 100mA, Cout=1µF
2.5≦VOUT<3.3V
60
Output Voltage Line
Regulation
[(
∆V
OUT / ∆VIN)x100%] /
VOUT
REGLINE
1.8V≦ VOUT<2.5V,
VIN=Vin(min)
VOUT = 0.8 x VOUT(NOM)
VEN = 0V, VIN(min) ≦ VIN ≦ 5.5V
VIN=5V, VADJ=0.980
1.8V≦ VOUT<2.5V
3.3V≦ VOUT <4.5V
IOUT = 600mA
1.8V≦ VOUT≦ 2.5V
2.5V<VOUT≦3.3V
3.3V<VOUT≦4.5V


Similar Part No. - AME8819AEHT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819AEHT180Z AME-AME8819AEHT180Z Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819AEHT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com