Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBV-8R2M-2A-3726 Datasheet(PDF) 2 Page - Superworld Electronics

Part # TBV-8R2M-2A-3726
Description  TOROIDAL INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

TBV-8R2M-2A-3726 Datasheet(HTML) 2 Page - Superworld Electronics

  TBV-8R2M-2A-3726 Datasheet HTML 1Page - Superworld Electronics TBV-8R2M-2A-3726 Datasheet HTML 2Page - Superworld Electronics TBV-8R2M-2A-3726 Datasheet HTML 3Page - Superworld Electronics TBV-8R2M-2A-3726 Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
PG. 2
19.06.2008
6. ELECTRICAL CHARACTERISTICS :
a) Temp. rise : 40°C Max. at Irms
b) Storage temp. : -40°C to +125°C
c) Operating temp. : -25°C to +105°C
0.140
1
104
140
TBV-141M-1A-4426
110
130
230
150
500
110
470
130
100
220
TBV-111M-4.0A-6826
TBV-131M-3.0A-6826
TBV-151M-1.0A-6826
TBV-231M-2.0A-6826
TBV-501M-1.0A-6826
TBV-650M-4.0A-6826
TBV-430M-3.0A-6826
TBV-320M-4.0A-6826
TBV-250M-5.0A-6826
TBV-580M-2A-6026
TBV-111M-2A-6026
TBV-900M-3A-6026
TBV-131M-1.0A-6026
TBV-471M-1.0A-6026
TBV-220M-5A-6026
TBV-350M-3A-6026
TBV-290M-4A-6026
TBV-200M-3A-5026
TBV-680M-1A-5026
TBV-221M-1A-5026
TBV-101M-2A-5026
TBV-600M-3A-5026
TBV-300M-2A-5026
0.042
4
56
137
148
355
77
0.055
0.159
0.108
0.300
1
2
1
3
43
65
25
32
58
90
310
30
55
18
24
79
116
45
52.5
22
35
29
60
68
20
30
63
15
28
20
162
35
60
15
25
0.016
0.055
0.030
0.021
0.061
0.069
0.044
0.146
0.286
1
2
3
5
4
2
1
2
3
0.014
0.026
0.020
0.021
0.101
0.190
0.081
0.038
0.035
2
5
3
4
1
1
3
3
2
8.2
( µH )
@ Idc=0A
Inductance @ 1KHz
TBV-120M-1A-3026
TBV-150M-2A-4426
TBV-680M-2A-4426
TBV-430M-1A-4426
TBV-680M-1A-3726
TBV-240M-1A-3726
TBV-220M-2A-3726
TBV-8R2M-2A-3726
TBV-320M-1A-3026
Part No.
TBV-100M-2A-3026
IDC
Max.
( A )
10.7
12
43
68
15
68
24
22
32
37
42
12.6
53
7.2
22
17
25
( µH )
@ Idc=Max
10
7.7
0.040
1
0.023
0.056
0.074
0.017
0.095
0.055
0.030
0.065
1
2
2
1
2
1
2
1
0.017
Max.
(
)
DCR
2
NOTE : Specifications subject to change without notice. Please check our website for latest information.
TOROIDAL INDUCTOR
TBV SERIES


Similar Description - TBV-8R2M-2A-3726

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
   TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
logo
Superworld Electronics
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
   TOROIDAL INDUCTOR
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
   TOROIDAL INDUCTOR
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
   TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
   TOROIDAL INDUCTOR
XF0476-VO XFMRS-XF0476-VO Datasheet
61Kb / 1P
   TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
   TOROIDAL INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com