Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86053-5400 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 86053-5400
Description  FC Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86053-5400 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  86053-5400 Datasheet HTML 1Page - Molex Electronics Ltd. 86053-5400 Datasheet HTML 2Page - Molex Electronics Ltd. 86053-5400 Datasheet HTML 3Page - Molex Electronics Ltd. 86053-5400 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FC Connectors & Adapters
Mechanical Dimensions
FC Connector, 90º Boot
FC Connector, 900µm Boot Style
FC Adapter, "D" Hole Mount Style
FC Adapter, Square Mount Style
All dimensions in INCHES
mm
ø.098
ø2.5
ø.380
ø9.7
D
M8x 0.75
METRIC THREAD
.157
4.0
47.2
1.857
BUFFERED FIBER
.374
9.5
.590
15.0
ø.087
ø2.2
.590
15.0
.374
9.5
4x
MAX PANEL THICKNESS
M8x 0.75
METRIC THR.
2x
.087
2.2
.080
2.0
.590
15.0
.060
1.5
.217
5.5
.098
2.5
.374±.002
9.50±0.05
MOUNTING PATTERN
RECOMMENDED
9.50±0.05
.374±.002
METRIC THR.
M2x 0.4
9.4
.370
LOCK WASHER
.438
11.1
12.8
.505
2X
9.4
.590
15.0
.371
WASHER
ADAPTER
NUT
MAX.: .102/
MIN.: .047/
THICKNESS
PANEL
.160
4.1
9.0
.354
.319
8.1
MOUNTING HOLE
RECOMMENDED
(METRIC)
2 PLACES
M8x 0.75
.087
2.2
2.6
1.2
ø2.5
.098


Similar Part No. - 86053-5400

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86053-5400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com