Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCDRH105RF-560N Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH105RF-560N
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH105RF-560N Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH105RF-560N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.12.07
SPECIFICATIONS
Parts are available in ±30% tolerance only.
*This indicates the current when the inductance decreases to 65% over it’s nominal value
or D.C. current when the temperature rises
ΔT=40°C lower, whichever is lower.
L Test
DCR
*Rated DC
Part
Inductance
Freq.
Max.
Current
Number
(µH ±30%)
(kHz)
(m
Ω
Ω)
(A)
CTCDRH105RF-6R8N
6.8
100
18.0
5.40
CTCDRH105RF-100N
10
100
25.8
4.50
CTCDRH105RF-120N
12
100
32.0
4.00
CTCDRH105RF-150N
15
100
40.0
3.60
CTCDRH105RF-180N
18
100
46.0
3.20
CTCDRH105RF-220N
22
100
58.5
2.95
CTCDRH105RF-270N
27
100
65.4
2.70
CTCDRH105RF-330N
33
100
81.4
2.40
CTCDRH105RF-390N
39
100
103.1
2.30
CTCDRH105RF-470N
47
100
122.1
2.00
CTCDRH105RF-560N
56
100
144.8
1.90
CTCDRH105RF-680N
68
100
193.0
1.65
CTCDRH105RF-820N
82
100
219.4
1.50
CTCDRH105RF-101N
100
100
247.0
1.35
CTCDRH105RF-121N
120
100
298.4
1.28
CTCDRH105RF-151N
150
100
355.1
1.12
CTCDRH105RF-181N
180
100
394.3
1.04
CTCDRH105RF-221N
220
100
483.8
0.94
CTCDRH105RF-271N
270
100
632.5
0.84
CTCDRH105RF-331N
330
100
780.0
0.75
CTCDRH105RF-391N
390
100
957.5
0.70
CTCDRH105RF-471N
470
100
1220.4
0.60
CTCDRH105RF-561N
560
100
1352.4
0.54
CTCDRH105RF-681N
680
100
1519.2
0.52
CTCDRH105RF-821N
820
100
1694.4
0.50
CTCDRH105RF-102N
1000
100
1946.4
0.48
CTCDRH105RF Series
From 6.8 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
10.5
Unit: mm
3.2
7.3
1.6
A
B
Marking
(Inductance Code)
XXX
1
2
C
D
E
F
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
10.3
10.5
5.1
3.0±0.1
7.7±0.3
1.2±0.15
inches
0.406
0.413
0.201
0.12±0.003
0.30±0.01
0.05±0.006
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTCDRH105RF-560N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH104F CT-CTCDRH104F Datasheet
447Kb / 1P
   Power Inductors - Shielded
CTCDRH104F-100M CT-CTCDRH104F-100M Datasheet
447Kb / 1P
   Power Inductors - Shielded
CTCDRH104F-101M CT-CTCDRH104F-101M Datasheet
447Kb / 1P
   Power Inductors - Shielded
CTCDRH104F-120M CT-CTCDRH104F-120M Datasheet
447Kb / 1P
   Power Inductors - Shielded
CTCDRH104F-121M CT-CTCDRH104F-121M Datasheet
447Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH105RF-560N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com