Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86056-5600 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86056-5600
Description  FC/APC Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86056-5600 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86056-5600 Datasheet HTML 1Page - Molex Electronics Ltd. 86056-5600 Datasheet HTML 2Page - Molex Electronics Ltd. 86056-5600 Datasheet HTML 3Page - Molex Electronics Ltd. 86056-5600 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FC/APC Connectors & Adapters
Mechanical Dimensions
FC/APC Connector, Standard Key, 3mm Boot Style
FC/APC Connector, Tight Fit Key, 900µm Boot Style
FC Adapter, Standard Key, "D" Hole Mount Style
FC/APC Connector, Tight Fit Key, 90º Boot Style
All dimensions in INCHES
mm
FIBER OPTIC CABLE
1.355
34.4
2.398
53.3
.098
9.7
.098
2.5
.079
2.0
.155
3.9
M8x 0.75
METRIC THREAD
.005
.126


Similar Part No. - 86056-5600

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86056-5600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Pasternack Enterprises,...
PE300418-2 PASTERNACK-PE300418-2 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
   FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE300418-3 PASTERNACK-PE300418-3 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
PE300418-5 PASTERNACK-PE300418-5 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
PE300418-1 PASTERNACK-PE300418-1 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC DUPLEX SINGLE MODE
logo
Molex Electronics Ltd.
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com