Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBC3217-850M-26 Datasheet(PDF) 2 Page - Superworld Electronics

Part # TBC3217-850M-26
Description  TOROIDAL INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

TBC3217-850M-26 Datasheet(HTML) 2 Page - Superworld Electronics

  TBC3217-850M-26 Datasheet HTML 1Page - Superworld Electronics TBC3217-850M-26 Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. GENERAL SPECIFICATION :
TBC3217 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
19.06.2008
6. ELECTRICAL CHARACTERISTICS :
a) Temp. rise : 40°C Max. at Irms
b) Storage temp. : -40°C to +125°C
c) Operating temp. : -25°C to +105°C
Part No.
TBC3217-850M-26
TBC3217-850M-52
85.0
30
3.60
6.00
( A )
Irms
Inductance
DC Resistance
85.0
±20%
( uH )
Max.
30
( m )
3.60
5.00
Isat
( A )
TOROIDAL INDUCTOR
TBC3217-151M-52
TBC3217-151M-26
150.0
150.0
4.50
3.70
45
45
3.00
3.00
TBC3217-231M-52
TBC3217-231M-26
235.0
235.0
3.60
3.00
57
57
2.60
2.60


Similar Part No. - TBC3217-850M-26

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC30-12EGWA KINGBRIGHT-TBC30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
logo
Adam Technologies, Inc.
TBC3001B ADAM-TECH-TBC3001B Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
TBC3001M ADAM-TECH-TBC3001M Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
TBC3002B ADAM-TECH-TBC3002B Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
TBC3002M ADAM-TECH-TBC3002M Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
More results

Similar Description - TBC3217-850M-26

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
   TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
logo
Superworld Electronics
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
   TOROIDAL INDUCTOR
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
   TOROIDAL INDUCTOR
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
   TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
   TOROIDAL INDUCTOR
XF0476-VO XFMRS-XF0476-VO Datasheet
61Kb / 1P
   TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
   TOROIDAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com