Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW6R48D05UWF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW6R48D05UWF
Description  6W Ultra-Wide Input Single & Dual Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW6R48D05UWF Datasheet(HTML) 2 Page - Superworld Electronics

  SW6R48D05UWF Datasheet HTML 1Page - Superworld Electronics SW6R48D05UWF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW6R UW Series Product Datasheet
www.superworld.com.sg
2 of 2
SW6R UW INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
All models
20
mA
Voltage Range
18
75
Vdc
Transient Input Voltage (1msec)
100
Vdc
Undervoltage Lockout
On
17.5
Vdc
Off
16
Reflected Ripple Current
35
mAp-p
SW6R UW OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
6.0
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
±
0.5
±
2
%
Load Regulation
(10% load to rated load)
±
1
±
3
%
Ripple & Noise
BW = DC to 20MHz
1%
mVp-p
Current Limit
120% x Iout
7.2
W
Output Overvoltage Clamp
120
% Vout
Temperature Coefficient
±
0.008
%/
oC
Short Circuit Protection
1
second
SW6R UW GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Temperature (Ambient)
-25
70
oC
Temperature (Case)
-40
100
oC
Storage
-40
100
oC
Isolation
Isolation Test Voltage
1500
Vdc
Resistance
10
GΩ
Capacitance
20
pF
Leakage Current
20
µArms
Switching Frequency
150
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
20
g
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Medium Power Application Note 1 for additional Performance Curves & Data
Pin
Singles
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL
(L Package)
SW6R48S03UWLF
Apply E or L to
part number when
ordering


Similar Part No. - SW6R48D05UWF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R48D05UWSMF SUPERWORLD-SW6R48D05UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
More results

Similar Description - SW6R48D05UWF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW6R24S03WF SUPERWORLD-SW6R24S03WF Datasheet
197Kb / 2P
   6W Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
logo
Superworld Electronics
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
MORNSUN Science& Techno...
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
logo
Superworld Electronics
SW6R24S03WSMF SUPERWORLD-SW6R24S03WSMF Datasheet
165Kb / 2P
   6W Wide Input Single & Dual SMD DC-DC Converter
SW3R48S03UWF SUPERWORLD-SW3R48S03UWF Datasheet
176Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWSMF SUPERWORLD-SW3R48S03UWSMF Datasheet
147Kb / 2P
   3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW2R48S03UWF SUPERWORLD-SW2R48S03UWF Datasheet
172Kb / 2P
   2W Ultra-Wide Input Single & Dual Output DC-DC Converter
logo
MORNSUN Science& Techno...
URB2403S-6WR3 MORNSUN-URB2403S-6WR3 Datasheet
667Kb / 4P
   6W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com