Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW105S12HIMSMF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW105S12HIMSMF
Description  0.75W High Isolation 3kVdc Surface Mount DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW105S12HIMSMF Datasheet(HTML) 2 Page - Superworld Electronics

  SW105S12HIMSMF Datasheet HTML 1Page - Superworld Electronics SW105S12HIMSMF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW1 HIMSM Series Product Datasheet
www.superworld.com.sg
2 of 2
SW1 HIMSM INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
5 Vin models
20
mA
12 Vin models
10
15 & 24 Vin models
8
Voltage Range
5 Vin models
4.5
5
5.5
Vdc
12 Vin models
10.8
12
13.2
15 Vin models
13.5
15
16.5
24 Vin models
21.5
24
26.5
SW1 HIMSM OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
0.75
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
1.2
%
Load Regulation
5Vout
5
10
%
(10% load to rated load)
12 & 15 Vout
3
10
%
Ripple & Noise
BW = DC to 20MHz
All models
45
90
mVp-p
Maximum Voltage (1 mA load)
5 Vout models
7
Vdc
12 Vout models
15
15 Vout models
18
Temperature Coefficient
±
0.01
%/
oC
Capacitive Load
10
µF
Short Circuit Protection
1
second
SW1 HIMSM GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Specification
(5&12V)
-40
--
85
oC
Specification
(15&24V)
-40
--
70
oC
Storage
-40
--
110
oC
Isolation
Isolation Test Voltage
3000
Vdc
Resistance
10
GΩ
Capacitance
25
100
pF
Leakage Current
2
8.5
µArms
Switching Frequency
120
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
2
G
CONTACT INFORMATION
Superworld Electronics (S) Pte Ltd
16 New Industrial Road
#06-01 to 08 Hudson TechnoCentre
Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Refer to Low Power Application Note 1 for additional Performance Curves & Data


Similar Part No. - SW105S12HIMSMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S12HISMF SUPERWORLD-SW105S12HISMF Datasheet
152Kb / 2P
   1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
More results

Similar Description - SW105S12HIMSMF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW105S05EHISMF SUPERWORLD-SW105S05EHISMF Datasheet
158Kb / 2P
   1W High Isolation 3kVdc Surface Mount DC-DC Converter
SW105S05SMF SUPERWORLD-SW105S05SMF Datasheet
159Kb / 2P
   0.75W Single & Dual Surface Mount DC-DC Converter
SW105S05HISMF SUPERWORLD-SW105S05HISMF Datasheet
152Kb / 2P
   1W High Isolation 3kVdc SMD 24-pin DIP DC-DC Converter
STV03D03F SUPERWORLD-STV03D03F Datasheet
149Kb / 2P
   1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
logo
Toppower Electronic Tec...
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W Datasheet
410Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB Datasheet
648Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_V01 Datasheet
704Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com