Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF1006402YZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # STF1006402YZF
Description  COMMON MODE CHOKE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STF1006402YZF Datasheet(HTML) 6 Page - Superworld Electronics

  STF1006402YZF Datasheet HTML 1Page - Superworld Electronics STF1006402YZF Datasheet HTML 2Page - Superworld Electronics STF1006402YZF Datasheet HTML 3Page - Superworld Electronics STF1006402YZF Datasheet HTML 4Page - Superworld Electronics STF1006402YZF Datasheet HTML 5Page - Superworld Electronics STF1006402YZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
09.05.2008
STF1006 SERIES
COMMON MODE CHOKE
10. UL CARD :
R
130
130
130
94V-0
BK
0.99
AM-1120,
AM-3131,
AM-300
AM-3000,
AM-1140,
AM-1130,
AM-1130,
AM-113
AM112
0
00
130
130
94V-0
130
3.0
0.74
BK
94V-0
130
130
130
94V-0
130
1.5
3.0
1.5
1.1
ALL
BK
130
94V-0
94V-0
130
94V-0
130
0.40
1.1
0.75
BK
ALL
BK,GN
130
94V-0
94V-0
94V-0
130
130
1
0
130
130
130
130
130
130
130
130
0
1
0
1
1
0
0
130
130
130
130
130
130
2
0
1
0
AM - 3130A
0.99
3.0
ALL
130
94V-0
94V-0
130
130
130
130
130
03
2
0
0
5
0
5
0
5
___
E105888 (S)
____________
Report: December 23, 1986.
Underwriters Laboratories Inc. R
H
RTI
94V-0
1.0
All
Mtl Dsg
Flame
Thk
mm
Col
Class
Min
UL94
90
90
90
___
___
with
Imp
Elec
Mech
T
A
W
w/o
I
Imp
R
I
HV
H
January 20, 1987
P O BOX 87-739 , TAIPEI TAIWAN
SHAW HUOW ENTERPRISE CO LTD
Component-Plastics
OMFZ2
D
___
___
9T
5I
C
4


Similar Part No. - STF1006402YZF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF100N10F7 STMICROELECTRONICS-STF100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
logo
Inchange Semiconductor ...
STF100N10F7 ISC-STF100N10F7 Datasheet
290Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF100N10F7 STMICROELECTRONICS-STF100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
logo
Inchange Semiconductor ...
STF100N6F7 ISC-STF100N6F7 Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF1006402YZF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
EPA3482S PCA-EPA3482S Datasheet
78Kb / 1P
   Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
   COMMON MODE CHOKE
logo
XFMRS Inc.
XF0063-EE35CMC XFMRS-XF0063-EE35CMC Datasheet
95Kb / 2P
   COMMON MODE CHOKE
XF0086-02SM XFMRS-XF0086-02SM Datasheet
41Kb / 1P
   COMMON MODE CHOKE
XF0103-HO2 XFMRS-XF0103-HO2 Datasheet
36Kb / 1P
   Common Mode Choke
XF0103-HPCMC XFMRS-XF0103-HPCMC Datasheet
92Kb / 2P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com