Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCDRH6D38-101N Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH6D38-101N
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH6D38-101N Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH6D38-101N Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
SPECIFICATIONS
Parts are available in ±30% tolerance only.
CTCDRH6D38F Please specify “F” for RoHS Compliant
L Test
DCR
Rated DC
Part
Inductance
Freq.
Max.
Current
Number
(µH ±30%)
(kHz)
(m
Ω)
(A)
CTCDRH6D38_-3R3N
3.3
10
20
3.5
CTCDRH6D38_-5R0N
5.0
10
24
2.9
CTCDRH6D38_-6R2N
6.2
10
27
2.5
CTCDRH6D38_-7R4N
7.4
10
31
2.3
CTCDRH6D38_-8R7N
8.7
10
34
2.2
CTCDRH6D38_-100N
10
10
38
2.0
CTCDRH6D38_-120N
12
10
53
1.7
CTCDRH6D38_-150N
15
10
57
1.6
CTCDRH6D38_-180N
18
10
92
1.5
CTCDRH6D38_-220N
22
10
96
1.3
CTCDRH6D38_-270N
27
10
109
1.2
CTCDRH6D38_-330N
33
10
124
1.1
CTCDRH6D38_-390N
39
10
138
1.0
CTCDRH6D38_-470N
47
10
155
.95
CTCDRH6D38_-560N
56
10
202
.85
CTCDRH6D38_-680N
68
10
234
.75
CTCDRH6D38_-820N
82
10
324
.70
CTCDRH6D38_-101N
100
10
358
.65
CTCDRH6D38 Series
From 3.3 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +110°C
Inductance Tolerance: ±30%
Testing: Tested on a HP4284A at 10 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Rated DC Current: Indicates the current when the inductance
decreases to 65% of its initial value or D.C. current when the
temperature of coil is increased by 30% the smaller one is defined
as rated current.
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
G
Max.
Max.
mm
6.7±0.3
6.7±0.3
6.5
2.0
6.5
9.5
4.0
inches 0.26±0.01 0.26±0.01
0.255
0.08
0.255
0.37
0.16
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTCDRH6D38-101N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH6D38F CT-CTCDRH6D38F Datasheet
321Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTCDRH6D38-101N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com