Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39426-0006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39426-0006
Description  12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39426-0006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39426-0006 Datasheet HTML 1Page - Molex Electronics Ltd. 39426-0006 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M4 Mounting
Screws
M4 Threaded
Inserts
Header Blade
Terminal
Header Body
Plug Body
Terminal with
Back Plate
M5 Screw
Pressure
Clamp
Cap
APPLICATIONS
12.00mm (.472”) Pitch
EuroMax™ High-Power
Pluggable Terminal Blocks
I Motors and drives
I Power controls and converters
I Process controls
I Invertors
I Distributed power systems
I Cellular base stations
I Load control systems
I Solar power systems
I Fuel cells
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/tblocks/euromax.html
Order No. USA-304
Printed in USA/2.5K/JI/JI/2005.04
©2005 Molex
ORDERING INFORMATION
Circuits
Order No.
Horizontal Plug
Right-Angle Header
Without Mounting Ends
With Mounting Ends
Without Mounting Ends
With Mounting Ends
2
39421-0002
39422-0002
39425-0002
39426-0002
3
39421-0003
39422-0003
39425-0003
39426-0003
4
39421-0004
39422-0004
39425-0004
39426-0004
5
39421-0005
39422-0005
39425-0005
39426-0005
6
39421-0006
39422-0006
39425-0006
39426-0006
7
39421-0007
39422-0007
39425-0007
39426-0007
8
39421-0008
39422-0008
39425-0008
39426-0008
9
39421-0009
39425-0009
10
39421-0010
39425-0010
Horizontal Plug
Series 39421
Horizontal Plug with Mounting Ends
Series 39422
Right-Angle Header
Series 39425
Right-Angle Header with Mounting Ends
Series 39426


Similar Part No. - 39426-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39426-0006 MOLEX11-39426-0006 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header, Closed Ends, 6 Circuits,
More results

Similar Description - 39426-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0394210002 MOLEX5-0394210002 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
0394210009 MOLEX5-0394210009 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 9 Circuits
0394210008 MOLEX5-0394210008 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 8 Circuits
0394210005 MOLEX5-0394210005 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 5 Circuits
0394210007 MOLEX5-0394210007 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 7 Circuits
0394210004 MOLEX5-0394210004 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 4 Circuits
0394210003 MOLEX5-0394210003 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 3 Circuits
0394210006 MOLEX5-0394210006 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 6 Circuits
logo
CamdenBoss Ltd.
CTBP93HC CAMDENBOSS-CTBP93HC Datasheet
592Kb / 1P
   2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC CAMDENBOSS-CSTBP92HC Datasheet
734Kb / 1P
   2.5mm pitch pluggable screwless terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com