Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCB0603F-601P Datasheet(PDF) 1 Page - Central Technologies

Part # CTCB0603F-601P
Description  Chip Beads - Multi-layer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCB0603F-601P Datasheet(HTML) 1 Page - Central Technologies

  CTCB0603F-601P Datasheet HTML 1Page - Central Technologies CTCB0603F-601P Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Beads - Multi-layer
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.30.08
Test
DCR
Part
Impedance
Freq.
Max.
IDC
Number
(
Ω
Ω)
(MHz)
(
Ω
Ω)
(mA)
CTCB0402F-100P
10
100
.03
2000
CTCB0402F-300P
30
100
.05
1700
CTCB0402F-400P
40
100
.075
1500
CTCB0402F-600P
60
100
.075
1500
CTCB0402F-700P
70
100
.09
1200
CTCB0402F-800P
80
100
.09
1200
CTCB0402F-121P
120
100
.09
1200
CTCB0603F-110P
11
100
.02
4000
CTCB0603F-190P
19
100
.03
3000
CTCB0603F-200P
20
100
.03
3000
CTCB0603F-220P
22
100
.03
3000
CTCB0603F-250P
25
100
.03
3000
CTCB0603F-300P
30
100
.03
3000
CTCB0603F-310P
31
100
.035
3000
CTCB0603F-400P
40
100
.035
3000
CTCB0603F-470P
47
100
.04
3000
CTCB0603F-500P
50
100
.04
3000
CTCB0603F-560P
56
100
.04
3000
CTCB0603F-600P
60
100
.04
3000
CTCB0603F-680P
68
100
.05
2500
CTCB0603F-700P
70
100
.05
2500
CTCB0603F-750P
75
100
.05
2500
CTCB0603F-800P
80
100
.05
2500
CTCB0603F-900P
90
100
.05
2500
CTCB0603F-101P
100
100
.05
2500
CTCB0603F-121P
120
100
.05
2500
CTCB0603F-151P
150
100
.085
2000
CTCB0603F-181P
180
100
.09
2000
CTCB0603F-201P
200
100
.095
2000
CTCB0603F-221P
220
100
.10
2000
CTCB0603F-301P
300
100
.10
2000
CTCB0603F-501P
500
100
.15
1500
CTCB0603F-601P
600
100
.20
1000
CTCB0603F-102P
1000
100
.25
800
CTCB0805F-110P
11
100
.01
6000
CTCB0805F-170P
17
100
.02
5000
CTCB0805F-300P
30
100
.02
4000
CTCB0805F-500P
50
100
.025
3000
CTCB0805F-600P
60
100
.03
3000
CTCB0805F-800P
80
100
.04
3000
CTCB0805F-121P
120
100
.04
3000
CTCB0805F-201P
200
100
.05
2500
CTCB0805F-301P
300
100
.08
2000
CTCB0805F-601P
600
100
.10
2000
CTCB0805F-102P
1000
100
.12
1500
CTCB1206F-190P
19
100
.015
6000
CTCB1206F-320P
32
100
.035
4000
CTCB1206F-500P
50
100
.02
4000
CTCB1206F-800P
80
100
.025
3000
CTCB1206F-900P
90
100
.03
2500
CTCB1206F-101P
100
100
.03
2500
CTCB1206F-301P
300
100
.06
2000
CTCB1206F-501P
500
100
.10
2000
CTCB1206F-601P
600
100
.10
1800
CTCB1206F-102P
1000
50
.15
1200
CTCB1206F-122P
1200
50
.18
1000
CTCB1206F-152P
1500
50
.20
800
CTCB1210F-600P
60
100
.03
4000
CTCB1210F-900P
90
100
.03
3000
CTCB1806F-500P
50
100
.02
6000
CTCB1806F-600P
60
100
.02
5000
CTCB1806F-800P
80
100
.03
4000
CTCB1806F-151P
150
100
.10
2000
CTCB1812F-190P
19
100
.03
6000
CTCB1812F-300P
30
100
.03
6000
CTCB1812F-470P
47
100
.03
6000
CTCB1812F-500P
50
100
.03
6000
CTCB1812F-600P
60
100
.03
6000
CTCB1812F-700P
70
100
.03
6000
CTCB1812F-800P
80
100
.03
4000
CTCB1812F-900P
90
100
.03
4000
CTCB1812F-121P
120
100
.03
4000
CTCB1812F-125P
125
100
.03
4000
CTCB1812F-151P
150
100
.03
4000
CTCB1812F-191P
190
100
.03
4000
SPECIFICATIONS
Parts are available in ±25% tolerance only.
CTCBF Series
Power
From 10
Ω
Ω to 1,500 Ω
Ω
Not shown at actual size.
CHARACTERISTICS
Description: Power multi-layer ferrite chip beads
Applications: Noise suppression in computer peripherals,
telecommunication equipment, data communication equipment and
other consumer electronics
Operating Temperature: -55°C to +125°C
Impedance Range:
CTCB0402F: 10-120
Ω
CTCB0603F: 11-1000
Ω
CTCB0805F: 11-1000
Ω
CTCB1206F: 19-1500
Ω
CTCB1210F: 60-90
Ω
CTCB1806F: 50-150
Ω
CTCB1812F: 19-190
Ω
Testing: Impedance is tested on an HP4287A at at specified
frequency.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels marked with part number
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
ENGINEERING KIT #33


Similar Part No. - CTCB0603F-601P

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCB0603F-601H CT-CTCB0603F-601H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCB0603F-601M CT-CTCB0603F-601M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCB0603F-601S CT-CTCB0603F-601S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
More results

Similar Description - CTCB0603F-601P

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
logo
Abracon Corporation
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com