Electronic Components Datasheet Search |
|
PSB-502LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd. |
|
PSB-502LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd. |
2 / 2 page Intel Pentium M / Celeron M processor 1.3~2.0GHz Intel 855GME + ICH4 (FSB: 400MHz) 2 x184-pin DDR DIMM, support DDR333 SDRAM up to 2GB Phoenix-Award PnP BIOS, with VGA BIOS 1~255 secs Watchdog timer selectable w / Reset / NMI Supports AT/ATX power +5V, +12V, -12V 338.5mm x 122mm (13.33" x 4.8") Socket 478 Pentium M CPU Card w / VGA / Audio / LAN PSB-502LF PSB-502LF All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May. 2006. All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May. 2006. Specifications R R R System CPU Type CPU Frequency Chipset DRAM BIOS Watchdog Power Supply Power Requirement Dimension I/O Chipset IDE Interface S-ATA Interface CF Bus Interface Serial Port Parallel Port IrDA System CPU Type CPU Frequency Chipset DRAM BIOS Watchdog Power Supply Power Requirement Dimension I/O Chipset IDE Interface S-ATA Interface CF Bus Interface Serial Port Parallel Port IrDA R Mini DIN connector or external connector Mini DIN connector (selectable w / KB) or Y-cable Intel 82562ET (10/100Mbps) Supports Wake-on-LAN wtih ATX power AC '97 Codec, Realtek ALC202A with Line-in / Line-out / MIC 4 x USB 2.0 0°~60°C(32°~140°F) -40°~85°C(-40°~185°F) Operation humidity 20~90%, storage humidity 20~95% Built-in Intel 855GME, share system memory, Support CRT, LVDS x 2 18/36-bit LVDS PICMG P-M S478 w VGA / Audio / LAN / Raid 0,1 (RoHS version) R R Keyboard Mouse LAN Audio USB Display Graphic LCD Interface Environment OperationTemp. Storage Tmp. Humidity Ordering Information PSB-502LF Certificate: CE, FCC, CLASS A Keyboard Mouse LAN Audio USB Display Graphic LCD Interface Environment OperationTemp. Storage Tmp. Humidity Ordering Information PSB-502LF Certificate: CE, FCC, CLASS A 2 x 40-pin IDE (UDMA 33/66/100) 2 (Raid 0,1) 1 x compact flash slot (IDE) EPCI BUS 2 x COM ports, COM1 for RS232, COM2 for RS232/422/485 ( for 16550 compatible type of UART) 1 x parallel (SPP / EPP / ECP) 1 (SIR) R 1 COM2 1 6 5 10 COM1 IDE2 IDE1 INTEL 855GME J2 JATXPWR1 JCFAN1 1 1 JP14 1 1 JP7 J3 1 ICH4 JP15 1 2 1 1 1 3 1 JP4 JP5 Battery 1 IRDA1 JP2 1 1 1 JUSB1 JUSB2 LAN1 EPCI1 A30 B30 A1 B1 SATA JP16 1 1 DIN1 1 6 5 10 1 2 39 40 1 2 39 40 1 JPANEL1 BUZ JCDIN2 VGA1 IT8888F ITE I/O ALC202A DIMM 2 DIMM 1 EXKB1 1 JCDIN1 JP6 BIOS 1 JP18 J7 1 JP25 1 JP23 1 WOL1 1 JWOL1 LVDS1 1 1 JP22 1 INV1 J8 |
Similar Part No. - PSB-502LF |
|
Similar Description - PSB-502LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |