Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86004-3588 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86004-3588
Description  Bezel Adapter System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86004-3588 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86004-3588 Datasheet HTML 1Page - Molex Electronics Ltd. 86004-3588 Datasheet HTML 2Page - Molex Electronics Ltd. 86004-3588 Datasheet HTML 3Page - Molex Electronics Ltd. 86004-3588 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber
2
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Bezel
Adapter System
ORDERING INFORMATION
Metallized Bezel Adapter Systems
Part No.
Bezel Body
Bezel Style
Bezel Type
Mounting Style
Alignment Sleeve
Flange Style
Push Tab
Logo
Shutter
86004-3185
Metallized
Duplex
SC Duplex Metal
Snap
Ceramic
Small
No
No
Single Side
86004-3378
Metallized
Simplex
LC Duplex Metal
Snap
Ceramic
Small
No
Logo
Single Side
86004-3381
Metallized
Simplex
SC-ST Metal
Snap
Ceramic
Standard
No
Logo
Single Side
86004-3383
Metallized
Simplex
SC-FC Metal
Snap
Ceramic
Standard
No
Logo
Single Side
86004-3385
Metallized
Simplex
SC Metal
Snap
Ceramic
Small
No
Logo
Single Side
86004-3576
Metallized
Simplex
LC Duplex Metal
Snap
Ceramic
Small
Yes
No
Single Side
86004-3578
Metallized
Simplex
LC Duplex Metal
Snap
Ceramic
Small
Yes
Logo
Single Side
86004-3581
Metallized
Simplex
SC-ST Metal
Snap
Ceramic
Standard
Yes
Logo
Single Side
86004-3583
Metallized
Simplex
SC-FC Metal
Snap
Ceramic
Standard
Yes
Logo
Single Side
86004-3585
Metallized
Simplex
SC Metal
Snap
Ceramic
Small
Yes
Logo
Single Side
86004-3591
Metallized
Simplex
SC-ST Metal
Snap
Ceramic
Standard
Yes
Single Side
86004-3593
Metallized
Simplex
SC-FC Metal
Snap
Ceramic
Standard
Yes
Single Side
86004-3595
Metallized
Simplex
SC Metal
Snap
Ceramic
Small
Yes
Single Side
86004-3184
Metallized
Duplex
SC Duplex Metal
Snap
Metal
Small
No
Single Side
86004-3379
Metallized
Simplex
LC Duplex Metal
Snap
Metal
Small
No
Logo
Single Side
86004-3380
Metallized
Simplex
SC-ST Metal
Snap
Metal
Standard
No
Logo
Single Side
86004-3382
Metallized
Simplex
SC-FC Metal
Snap
Metal
Standard
No
Logo
Single Side
86004-3384
Metallized
Simplex
SC Metal
Snap
Metal
Small
No
Logo
Single Side
86004-3577
Metallized
Simplex
LC Duplex Metal
Snap
Metal
Small
Yes
No
Single Side
86004-3579
Metallized
Simplex
LC Duplex Metal
Snap
Metal
Small
Yes
Logo
Single Side
86004-3580
Metallized
Simplex
SC-ST Metal
Snap
Metal
Standard
Yes
Logo
Single Side
86004-3582
Metallized
Simplex
SC-FC Metal
Snap
Metal
Standard
Yes
Logo
Single Side
86004-3584
Metallized
Simplex
SC Metal
Snap
Metal
Small
Yes
Logo
Single Side
86004-3590
Metallized
Simplex
SC-ST Metal
Snap
Metal
Standard
Yes
Single Side
86004-3592
Metallized
Simplex
SC-FC Metal
Snap
Metal
Standard
Yes
Single Side
86004-3594
Metallized
Simplex
SC Metal
Snap
Metal
Small
Yes
Single Side
86004-3388
Metallized
Simplex
MTP Black
Snap
Standard
No
Logo
Single Side
86004-3389
Metallized
Simplex
MTP Black
Snap
Small
No
Logo
Single Side
86004-3588
Metallized
Simplex
MTP Black
Snap
Standard
Yes
Logo
Single Side
86004-3589
Metallized
Simplex
MTP Black
Snap
Small
Yes
Logo
Single Sid
86004-3599
Metallized
Simplex
MTP Black
Snap
Small
Yes
No
Single Side
SPECIFICATIONS
Simplex and Duplex Bezels
Polymer Black or Metallized Almond
Celanex§
Pull Force
7 lbs. (Simplex)
Temperature Range
-40° to +80°C
§
Note: Additional colors are available. Please contact Inside Sales for more information.
Metallized
Simplex
Simplex
Snap
Ceramic
Metal
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Single Side
Small
Small
Small
No
No


Similar Part No. - 86004-3588

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
   62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
More results

Similar Description - 86004-3588

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
   Bezel Adapters
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
   IP65 aluminum front bezel
logo
List of Unclassifed Man...
EA017-1U ETC2-EA017-1U Datasheet
166Kb / 7P
   BEZEL FOR DOTMATRIX MODULES
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
logo
PHOENIX CONTACT
PLC-RSP-48DC PHOENIX-PLC-RSP-48DC Datasheet
96Kb / 6P
   Efficient connection to system cabling using V8 adapter
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
   ip65 aliminum front bezel
logo
PHOENIX CONTACT
PLC-RSP-120UC PHOENIX-PLC-RSP-120UC Datasheet
132Kb / 12P
   Efficient connection to system cabling using V8 adapter
PLC-RSP-24UC PHOENIX-PLC-RSP-24UC Datasheet
98Kb / 6P
   Efficient connection to system cabling using V8 adapter
2901993 PHOENIX-2901993 Datasheet
79Kb / 3P
   System adapter - MINI MCR-2-V8-FLK 16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com