Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74FB2040 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74FB2040
Description  8-BIT TTL/BTL TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2040 Datasheet(HTML) 8 Page - Texas Instruments

  SN74FB2040 Datasheet HTML 1Page - Texas Instruments SN74FB2040 Datasheet HTML 2Page - Texas Instruments SN74FB2040 Datasheet HTML 3Page - Texas Instruments SN74FB2040 Datasheet HTML 4Page - Texas Instruments SN74FB2040 Datasheet HTML 5Page - Texas Instruments SN74FB2040 Datasheet HTML 6Page - Texas Instruments SN74FB2040 Datasheet HTML 7Page - Texas Instruments SN74FB2040 Datasheet HTML 8Page - Texas Instruments SN74FB2040 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL DATA
MQFP003 – OCTOBER 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RC (S-PQFP-G52)
PLASTIC QUAD FLATPACK
4040151 / B 03/95
26
14
0,16 NOM
0,25
1,03
0,73
0,05 MIN
Gage Plane
27
0,22
13
39
1
7,80 TYP
0,38
40
52
SQ
SQ
9,80
2,20
1,80
10,20
12,95
13,45
2,45 MAX
0,65
M
0,13
Seating Plane
0,10
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-022


Similar Part No. - SN74FB2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARC TI-SN74FB2041ARC Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCG3 TI-SN74FB2041ARCG3 Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCR TI-SN74FB2041ARCR Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2041ARCRG3 TI-SN74FB2041ARCRG3 Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
More results

Similar Description - SN74FB2040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com