Electronic Components Datasheet Search |
|
EPC-8611F Datasheet(PDF) 2 Page - Protech Systems Co., Ltd. |
|
EPC-8611F Datasheet(HTML) 2 Page - Protech Systems Co., Ltd. |
2 / 2 page Multi-Serial Communication ports Embedded PC Rear View EPC-8611F EPC-8611F www .protech .com .tw All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007 All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007 Front View 0 ~40 C -20 ~70 C 20%-80% MIL-STD-810F 50G,IEC60068-2-27,11ms duration 4 x ports RS-232, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 6 x ports RS-232, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 2 x port RS-232 + 2 x ports RS-422/485 Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 2 x port RS-232 + 4 x ports RS-422/485, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 120W 24VDC power adaptor output with 3-pin phoenix type connector 0 ~40 C -20 ~70 C 20%-80% MIL-STD-810F 50G,IEC60068-2-27,11ms duration 4 x ports RS-232, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 6 x ports RS-232, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 2 x port RS-232 + 2 x ports RS-422/485 Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 2 x port RS-232 + 4 x ports RS-422/485, Fanless + C-M ULV 1GHz CPU + 90W DC power + 3-pin phoenix type power connector (barebone / black) 120W 24VDC power adaptor output with 3-pin phoenix type connector Environment Operating Temp. Storage Tmp. Humidity Anti-vibration Anti-shock Ordering Information EPC-8611F-S01 EPC-8611F-S02 EPC-8611F-S03 EPC-8611F-S04 52-002-01861001 Environment Anti-vibration Anti-shock Ordering Information EPC-8611F-S01 EPC-8611F-S02 EPC-8611F-S03 EPC-8611F-S04 52-002-01861001 Specification System CPU Type Chipset Memory Support Watchdog Timer Power Supply Power Adaptor Operation System System Weight Dimension (WxHxD) Certificate I/O Ports HDD USB LAN Serial Ports Serial Ports speed Specification System Watchdog Timer Power Adaptor Operation System WxHxD I/O Ports HDD USB LAN Serial Ports Serial Ports speed Intel Celeron M ULV 1.0GHz Intel 852GM + ICH4 1 x 200-pin DDR266 SO-DIMM (up to 1GB) 1~255 sec DC 24V input, 90Watt AC 100V ~ 240V input, DC 24V 3-pin Phoenix type output Windows2000 / XP / XPe / WinCE / Linux 3kg 256 x 63.2 x 225mm (8.8" x 10" x 2.5") FCC / CE 3.5" HDD, Max to 500GB 2 x USB 2.0 1 x 10/100 Mbps (RJ45) 4/6 x RS-232 or 2 x RS-232 and 2/4 x RS-422/485 with DB-9 connectors Automatic RS-485 data flow control RS-232 : 50~115.2 kbps RS-422/485 : 75~921.6 kbps Intel Celeron M ULV 1.0GHz Intel 852GM + ICH4 1 x 200-pin DDR266 SO-DIMM (up to 1GB) 1~255 sec DC 24V input, 90Watt AC 100V ~ 240V input, DC 24V 3-pin Phoenix type output Windows2000 / XP / XPe / WinCE / Linux 3kg 256 x 63.2 x 225mm (8.8" x 10" x 2.5") FCC / CE 3.5" HDD, Max to 500GB 2 x USB 2.0 1 x 10/100 Mbps (RJ45) 4/6 x RS-232 or 2 x RS-232 and 2/4 x RS-422/485 with DB-9 connectors Automatic RS-485 data flow control RS-232 : 50~115.2 kbps RS-422/485 : 75~921.6 kbps PROTECH SYSTEMS It's the right choice R R R POWER POWER ON HDD 1 2 COM6 Active / Link Speed COM1 COM2 COM3 COM4 COM5 24V GND OV |
Similar Part No. - EPC-8611F |
|
Similar Description - EPC-8611F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |