Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0805HQ_-6N2K Datasheet(PDF) 1 Page - Central Technologies

Part # CT0805HQ_-6N2K
Description  SMD Wire-wound Chip Inductors - High Q
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0805HQ_-6N2K Datasheet(HTML) 1 Page - Central Technologies

  CT0805HQ_-6N2K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Wire-wound Chip Inductors - High Q
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
09.18.06
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
2.29
1.78
1.52
0.50
1.27
0.44
1.27
inches
0.090
0.070
0.060
0.020
0.050
0.017
0.050
PHYSICAL DIMENSIONS
B
A
E
F
D
Terminal wraparound
Approx. 0.38mm Both ends
G
F
C
L Test
Q
Q Test
SRF
DCR
Irms
Part
Inductance
Freq.
Fact.
Freq.
Typ.
Max.
Max.
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT0805HQ_-2N5_*
2.5
250
80
1500
6000
0.020
1600
CT0805HQ_-5N6_*
5.6
250
98
1500
6000
0.035
1600
CT0805HQ_-6N2_*
6.2
250
88
1000
4750
0.035
1600
CT0805HQ_-12N_*
12
250
80
1000
3000
0.045
1600
CT0805HQ_-16N_
16
250
72
500
2950
0.060
1500
CT0805HQ_-18N_
18
250
75
500
2550
0.060
1400
CT0805HQ_-20N_
20
250
70
500
2050
0.055
1400
CT0805HQ_-27N_
27
250
75
500
2000
0.070
1300
CT0805HQ_-30N_
30
250
65
500
1950
0.095
1200
CT0805HQ_-39N_
39
250
65
500
1600
0.095
1100
CT0805HQ_-48N_
48
200
65
500
1400
0.110
1200
CT0805HQ_-51N_
51
200
65
500
1400
0.120
1000
CT0805HQ Series
From 2.5 nH to 51 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD wire-wound chip inductor (High Q)
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%
Testing: Inductance and Q tested on an HP4287A at specified
frequency.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Color dot
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
1.78
(0.070)
1.02
(0.040)
mm
(inch)
1.02
(0.040)
0.76
(0.030)
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0805HQ-16N_
G = ±2%, J = ±5%, K = ±10%
* J or K only
CT0805HQF Please specify “F” for RoHS compliant
RoHS
Compliant
Available


Similar Part No. - CT0805HQ_-6N2K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
   SMD Wire-wound Chip Inductors
More results

Similar Description - CT0805HQ_-6N2K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008HQF CT-CT1008HQF Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
   SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
   SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
   SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com