Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57130-6000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 57130-6000
Description  2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

57130-6000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  57130-6000 Datasheet HTML 1Page - Molex Electronics Ltd. 57130-6000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.50mm (.098") Pitch
Splash Proof
Wire-to-Wire Systems
How the Splash Proof System Works
Unlocked Cap
Unlocked Cap
Cap Lock Window
Cap Fitting Tool
Lock
Cap Lock Window
Cap Fitting Tool
1.
2.
3.
4.
Make sure connector
cap is in unlocked position
Insert crimped terminal
into wire-end rubber seal
hole and push the terminal
in until you hear it click
Tug on the wire to confirm
proper insertion of the terminal.
Use "Cap Fitting Tool" to seat
the cap into the plug and
receptacle
Check and confirm that you
can see more than half of cap
lock through Cap Lock window
Match direction of lock and
insert until the lock snaps in place
Plug:
Receptacle:
Lock Window
APPLICATION TOOLING
Terminal
Order No.
Packaging
Wire Gauge
Order No.
TM40/42 Press
TM2000 Press
M15A Press
Hand Tool
Cap Fitting
Tool
Terminator
Die
Spare Tooling
Fine Adjust
Applicator
Fine Adjust
Spare Tooling
Mini-Mac
Applicator*
Press Order No.
11-26-0033
Modular Crimp Die
50038-8000
Reel
20-22 AWG
63850-6000
63850-6070
63860-6000
63860-6070
69037-1048
57084-3000
57130-6000
50038-8100
Bag
57085-5000
50039-8000
Reel
20-22 AWG
63850-6000
63850-6070
63860-6000
63860-6070
69037-1048
57084-3000
57131-6000
50039-8100
Bag
57085-5000
50147-8000
Reel
20-22 AWG
63851-7100
63851-7170
63861-7100
63861-7170
69037-1235
57144-3000
57147-6000
50147-8100
Bag
57132-5000
22 AWG
50148-8000
Reel
20-22 AWG
63851-7100
63851-7170
63861-7100
63861-7170
69037-1235
57144-3000
57148-6000
50148-8100
Bag
57132-5000
22 AWG
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-268-6868
Fax:65-265-6044
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com
Order No. USA-145
Printed in USA/3K/JI/JI/2001.01
©
2001, Molex
*Mini-Mac Available in Europe Only
Sealed for Moisture Environments


Similar Part No. - 57130-6000

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Bi technologies
5713 BITECH-5713 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
5713 BITECH-5713 Datasheet
121Kb / 4P
   Precision Potentiometer
logo
Bourns Electronic Solut...
5713-RC BOURNS-5713-RC Datasheet
474Kb / 1P
   High Current Toroid Inductors
logo
MolexKits
57132-5000 MOLEXKITS-57132-5000 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com