Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0603HCJ-100J Datasheet(PDF) 1 Page - Central Technologies

Part # CT0603HCJ-100J
Description  Wire-wound Chip Inductors - Open
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0603HCJ-100J Datasheet(HTML) 1 Page - Central Technologies

  CT0603HCJ-100J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.11.05
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
mm
1.80
1.12
1.02
0.76
0.33
0.86
0.38
1.00
inches
0.071
0.044
0.040
0.030
0.013
0.034
0.015
0.039
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603HC-1N6_
G = ±2%, J = ±5%, K = ±10%
* = J or K only
CT0603HCF Please specify “F” for RoHS compliant
L Test
Q
Q Test
SRF
DCR
IDC
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
Max.
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω)
(mA)
CT0603HC_-1N6_*
1.6
250
24
250
12500
.030
2400
CT0603HC_-3N6_*
3.6
250
24
250
5900
.048
2300
CT0603HC_-3N9_*
3.9
250
25
250
5900
.054
2200
CT0603HC_-6N8_*
6.8
250
35
250
5800
.054
2100
CT0603HC_-7N5_*
7.5
250
35
250
3700
.059
2100
CT0603HC_-100_
10
250
38
250
3700
.071
2000
CT0603HC_-120_
12
250
38
250
3000
.075
2000
CT0603HC_-150_
15
250
38
250
2800
.080
1900
CT0603HC_-180_
18
250
40
250
2800
.099
1900
CT0603HC_-220_
22
250
42
250
2400
.099
1800
CT0603HC_-240_
24
250
42
250
2400
.105
1800
CT0603HC Series
From 1.6 nH to 24 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor - high
current
Applications: Telecommunication equipment, mobile phones,
small size pagers, computers, printers and relevant equipment.
Also, audio & video applications and the automotive electronics
industry. High frequency applications
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Reels are marked with inductance code and tolerance
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CT0603HCJ-100J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results

Similar Description - CT0603HCJ-100J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
   Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
   Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com