Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74337-0072 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74337-0072
Description  0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74337-0072 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74337-0072 Datasheet HTML 1Page - Molex Electronics Ltd. 74337-0072 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.80mm (.031") Pitch
Ultra+VHDCI
Wire-to-Board
Dual Stack Receptacle
The new 0.80mm (.031") Pitch Dual Stack Ultra+ VHDCI (Very
High Density Cable Interface) connectors from Molex are ideal
for demanding next generation SCSI applications. They have
been designed to meet ANSI/SFF-8441 and SPI-4
requirements while supporting HBA applications and other
equipment requiring high port densities.
These space-saving dual-stacked receptacles have 136 circuits
in a two-row configuration, providing the most features for
maximum performance and reliability. An optional cover is
available, eliminating risk of electrical shorts to panels or
adjacent printed circuit boards in densely packaged
equipment. Panel grounding tabs provide a superior ground
path to a panel or bracket for maximum EMI protection. High
performance terminals with lead-ins that have a large radius
minimize stubbing while improving plug insertion.
APPLICATIONS
RAID Data Storage Device
PCI Add-In Card
s
File and Network Servers
s
RAIDs (Redundant Arrays of Independent Disks)
s
Network Attached Storage (NAS) devices
s
PCI Add-In cards
s
Host Bus Adapter (HBA) cards
s
Workstations
s
Other data transfer applications


Similar Part No. - 74337-0072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74337-0072 MOLEX8-74337-0072 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Angle,with Enhanced Shield, Version 1 Footprint, 136 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com