Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44050-0006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44050-0006
Description  High Speed, Right Angle Low Profile Shielded and Unshielded Versions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44050-0006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44050-0006 Datasheet HTML 1Page - Molex Electronics Ltd. 44050-0006 Datasheet HTML 2Page - Molex Electronics Ltd. 44050-0006 Datasheet HTML 3Page - Molex Electronics Ltd. 44050-0006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FEATURES AND SPECIFICATIONS
Category 5
High Speed
Single and Ganged
Modular Jacks
Molex Incorporated offers single port and ganged high speed
modular jacks for applications that require Category 5 or
Category 5e reliability. These high speed jacks have been
tested in accordance with EIA/TIA 568B standards and meet
the performance criteria of greater than -43dB Near End Cross
Talk (NEXT) at 100Mbps/100MHz for Category 5e
performance.
Designed as an industry standard footprint and pin layout for
Category 5, the RJ-45 modular jack layout is a drop in
replacement for many modular jack suppliers. This provides
for easy transition of the Molex Category 5 jacks to existing
board layouts.
Enhanced tabs on the shield provide a superior ground path to
the panel or metal bracket for maximum shielding
effectiveness. Internal grounding tabs complete the circuit to
ground in shielded cable/plug applications. Single port shields
are available with two side panel grounding tabs or with one
tab staggered on each side to allow for side-by-side
stackability. Unshielded versions of both the single port and
ganged high speed jacks are also available.
Features and Benefits
s
Gigabit Ethernet compatible
s
Delivers Category 5e performance to meet Near End
Crosstalk (NEXT) requirements of greater than -43dB on
all pair combinations at 100Mbps/100MHz
s
Designed for fast Ethernet and ATM applications
s
Low profile allows for tight board stacking
s
Enhanced panel grounding tabs on shield provide a
superior grounding path to panel or bracket
s
Housing molded in 30% glass-filled nylon to maintain
dimensional integrity to +260°C processing
temperature for 1 minute
s
100% Hi-pot and continuity tested for electrical integrity
s
Traditional industry standard footprint and pin layout
Applications
s
Network Servers
s
Hubs
s
Routers
s
Ethernet Switches
s
Broadband Equipment
s
Repeaters
s
Premise Wiring
s
Ethernet Telephony
s
ATM Transmission Equipment
APPLICATIONS


Similar Part No. - 44050-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44050-0006 MOLEX6-44050-0006 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
More results

Similar Description - 44050-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0007 MOLEX-43860-0007 Datasheet
208Kb / 2P
   Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
0443800008 MOLEX6-0443800008 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800002 MOLEX6-0443800002 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800007 MOLEX6-0443800007 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800009 MOLEX6-0443800009 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800001 MOLEX6-0443800001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800022 MOLEX6-0443800022 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800020 MOLEX6-0443800020 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0438600019 MOLEX6-0438600019 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
0443800019 MOLEX6-0443800019 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com