Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44050 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 44050
Description  High Speed, Right Angle Low Profile Shielded and Unshielded Versions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44050 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  44050 Datasheet HTML 1Page - Molex Electronics Ltd. 44050 Datasheet HTML 2Page - Molex Electronics Ltd. 44050 Datasheet HTML 3Page - Molex Electronics Ltd. 44050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FEATURES AND SPECIFICATIONS
Modular Jack
44150
High Speed, Ganged,
Right Angle, Low Profile
Shielded and Unshielded
Versions
Features and Benefits
s
Exceeds Category 5 performance
s
Gigabit Ethernet compatible
s
2, 4, 6 and 8 port configurations available
s
Shield with enhanced panel grounding tabs
s
100% tested for hi-pot and continuity
s
Industry Standard Footprint
s
High-temperature plastic
Reference Information
Product Specification: PS-44150-003
Packaging: Tray
UL File No.: E107635
CSA File No.: LR19980
Designed In: Inches
Electrical
Voltage: 125V
Current: 1.5A
Dielectric Withstanding Voltage: 1000V AC
Insulation Resistance: 500 M
Ω min.
Mechanical
Durability: 500 cycles min.
Physical
Housing: Glass-filled nylon, UL 94V-0
Plating: Contact Area—1.27µm (50µ") min. Gold
Solder Tails—1.27µm (50µ") Tin/Lead
On both contact area and solder tails over nickel overall
Temperature: -40 to +80˚C
ORDERING INFORMATION AND DIMENSIONS
Note: Contact Inside Sales for alternative rear grounding tab option on 4 and 8 port order numbers only.
* Dimension E = 3.68mm (.145")
Dimension E = 4.57mm (.180")
Circuits
Loaded Contacts
No. of Ports
Order No.
Dimension
Snap-Fit Pegs
Press-Fit Pegs
A
B
C
D
F
G
8
8
2
44150-0001
44150-0017
30.48 (1.20)
8.89 (.350)
25.40 (1.00)
12.83 (.505)
10.16 (.400)
13.97 (.550)
8
8
4
44150-0002
44150-0018
58.42 (2.30)
8.89 (.350)
53.34 (2.10)
12.83 (.505)
10.16 (.400)
13.97 (.550)
8
8
6
44150-0003
44150-0019
86.36 (3.40)
8.89 (.350)
82.28 (3.20)
12.83 (.505)
10.16 (.400)
13.97 (.550)
8
8
8
44150-0004
44150-0020
114.30 (4.50)
8.89 (.350)
109.22 (4.30)
12.83 (.505)
10.16 (.400)
13.97 (.550)
Circuits
Loaded
Contacts
No. of Ports
Order No.
Dimension
Option 1*
Option 2
AB
C
D
F
G
H
Snap-Fit Pegs Press-Fit Pegs Snap-Fit Pegs Press-Fit Pegs
8
8
2
44150-0005
44150-0021
44150-0011
44150-0027
30.48 (1.20)
8.89 (.350)
25.40 (1.00)
13.31 (.524)
10.16 (.400)
13.97 (.550)
30.99 (1.22)
8
8
4
44150-0006
44150-0022
44150-0012
44150-0028
58.42 (2.30)
8.89 (.350)
53.34 (2.10)
13.31 (.524)
10.16 (.400)
13.97 (.550)
58.93 (2.32)
8
8
6
44150-0007
44150-0023
44150-0013
44150-0029
86.36 (3.40)
8.89 (.350)
82.28 (3.20)
13.31 (.524)
10.16 (.400)
13.97 (.550)
86.87 (3.42)
8
8
8
44150-0008
44150-0024
44150-0014
44150-0030
114.30 (4.50)
8.89 (.350)
109.22 (4.30)
13.31 (.524)
10.16 (.400)
13.97 (.550)
114.81 (4.52)
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-268-6868
Fax:65-265-6044
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com
Order No. USA-118
Printed in USA/5K/JI/JI/2000.06
©
2000, Molex


Similar Part No. - 44050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
44050 ETC1-44050 Datasheet
104Kb / 1P
   PRIMARY VOLTAGE, Vacuum filling, Two compartments bobbins
logo
Turck, Inc.
44050 TURCK-44050 Datasheet
1Mb / 3P
   Inductive Sensor
11/07/2023
logo
Molex Electronics Ltd.
44050-0003 MOLEX6-44050-0003 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
44050-0006 MOLEX6-44050-0006 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
440500001 MOLEX6-440500001 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
More results

Similar Description - 44050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0007 MOLEX-43860-0007 Datasheet
208Kb / 2P
   Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
0443800008 MOLEX6-0443800008 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800002 MOLEX6-0443800002 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800007 MOLEX6-0443800007 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800009 MOLEX6-0443800009 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800001 MOLEX6-0443800001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0443800022 MOLEX6-0443800022 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
0443800020 MOLEX6-0443800020 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
0438600019 MOLEX6-0438600019 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
0443800019 MOLEX6-0443800019 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com