Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDS10-122 Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # RDS10-122
Description  Flat/Flush Shaft Type Rotary DIP Code Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

RDS10-122 Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  RDS10-122 Datasheet HTML 1Page - Purdy Electronics Corporation RDS10-122 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Part Number
Knob Type
Description
Number of
Positions
RDS10-112
Flat/Flush Shaft
BCD Real Code
10
RDS10-122
Flat/Flush Shaft
BCD Complement
10
RDS10-132
Flat/Flush Shaft
EECO - BCD Real Code
10
RDS16-112
Flat/Flush Shaft
Hexadecimal
16
RDS16-122
Flat/Flush Shaft
Hexadecimal Complement
16
RDS16-132
Flat/Flush Shaft
EECO - Hexadecimal
16
Flat/Flush Type Shaft Rotary DIP Code Switches
MATERIAL
Insulator
Glass-filled polymide
Contact
Copper alloy, selective gold plating over nickel
Rotor control
Polyacetal
Rotor switch element
Glass epoxy, gold plating over nickel
Solvents: Acceptable
Isopropyl alcohol
Trichlene (Trichlorethylene)
Ethyl alcohol
Chlorothene (Trichloroethane)
Toluene
Freon (Trichlorotrifuoroethane)
Benzine
Solvents: Not Acceptable
Acethone
Methanol


Similar Part No. - RDS10-122

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
RDS10-020-005FF YAMAICHI-RDS10-020-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-020-005FL YAMAICHI-RDS10-020-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-030-005FF YAMAICHI-RDS10-030-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-030-005FL YAMAICHI-RDS10-030-005FL Datasheet
663Kb / 2P
   180째 SMT Male Female Header
RDS10-040-005FF YAMAICHI-RDS10-040-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
More results

Similar Description - RDS10-122

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
RDS10-412 PURDY-RDS10-412 Datasheet
156Kb / 2P
   Knob Type Rotary DIP Code Switches
RDS10-312 PURDY-RDS10-312 Datasheet
159Kb / 2P
   Wheel/Indicator Type Rotary DIP Code Switches
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
PT65705 ETC2-PT65705 Datasheet
126Kb / 3P
   Rotary code switches
PT65112L254 ETC2-PT65112L254 Datasheet
211Kb / 3P
   Rotary code switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
List of Unclassifed Man...
P36S101 ETC2-P36S101 Datasheet
303Kb / 2P
   Low profile rotary code switches
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com