Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1300BEQA300 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME1300BEQA300
Description  300mA CMOS LDO with RESET Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1300BEQA300 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME1300BEQA300 Datasheet HTML 1Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 2Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 3Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 4Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 5Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 6Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 7Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 8Page - Analog Microelectronics AME1300BEQA300 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AME
3
AME1300
300mA CMOS LDO with
RESET Function
Rev.C.02
n Ordering Information
Note: yww represents the date code
* A line on top of the first letter represents lead free plating such as 1300
Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type .
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME1300HEQA270
1300
Hyww
2.7V
MSOP-8
- 40
oC to +85oC
AME1300HEQA270Z
1300
Hyww
2.7V
MSOP-8
- 40
oC to +85oC
AME1300CEQA280
1300
Cyww
2.8V
MSOP-8
- 40
oC to +85oC
AME1300CEQA280Z
1300
Cyww
2.8V
MSOP-8
- 40
oC to +85oC
AME1300JEQA285
1300
Jyww
2.85V
MSOP-8
- 40
oC to +85oC
AME1300JEQA285Z
1300
Jyww
2.85V
MSOP-8
- 40
oC to +85oC
AME1300BEQA300
1300
Byww
3.0V
MSOP-8
- 40
oC to +85oC
AME1300BEQA300Z
1300
Byww
3.0V
MSOP-8
- 40
oC to +85oC


Similar Part No. - AME1300BEQA300

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-12SAZ AIMTEC-AME1-12SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME1300BEQA300

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com