Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME4620 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME4620
Description  1-Ohm Low Voltage SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4620 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME4620 Datasheet HTML 1Page - Analog Microelectronics AME4620 Datasheet HTML 2Page - Analog Microelectronics AME4620 Datasheet HTML 3Page - Analog Microelectronics AME4620 Datasheet HTML 4Page - Analog Microelectronics AME4620 Datasheet HTML 5Page - Analog Microelectronics AME4620 Datasheet HTML 6Page - Analog Microelectronics AME4620 Datasheet HTML 7Page - Analog Microelectronics AME4620 Datasheet HTML 8Page - Analog Microelectronics AME4620 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AME
4
AME4620
1-Ohm Low Voltage
SPDT Analog Switch
Rev.B.05
n Absolute Maximum Ratings
n Recommended Operating Conditions
Note1: Signals on COM, NC and NO can not exceed V+
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
n Thermal Information
** MIL-STD-202G 210F
Parameter
Maximum
Unit
V+ , IN
6
V
COM , NC , NO
Note 1
V
Continuous Current
COM , NC , NO
300
mA
ESD Classification
B*
* Measure
θ
JC on center of molding compound if IC has no tab.
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Thermal Resistance *
(Junction to Case)
θ
JC
224
Thermal Resistance
(Junction to Ambient)
θ
JA
331
Internal Power Dissiption
PD
300
mW
150
oC
350
oC
oC / W
Maximum Junstion Temperature
Solder Iron ( 10sec )**
SC-70-6
Conductive Epoxy
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage temperature Range
TSTG
- 65 to +150
oC
IN
V
V+
V
1.8 to 5.5
CMOS, TTL Logic


Similar Part No. - AME4620

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIY AME-AME4620AEIY Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620BEIY AME-AME4620BEIY Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620BEIYZ AME-AME4620BEIYZ Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Similar Description - AME4620

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com