Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND-TFT-35XS-LED Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND-TFT-35XS-LED
Description  LCD Color Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-35XS-LED Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND-TFT-35XS-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND-TFT-35XS-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1/28/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
3
Interface Pin Assignment
Pin No.
Symbol
Function
Input/Output
Remark
1
STH1
Start pulse for source driver
I/O
Note 1
2
AVSS
Analog GND for source driver
I
3
AVDD
Analog power input for source driver
I
Note 2
4
VB
Video Input B
I
Note 4
5
VG
Video Input G
I
Note 4
6
VR
Video Input R
I
Note 4
7
VSS
Digital GND
I
8
VDD
Digital power input
I
Note 3
9
CPH1
Sampling and shift clock for source driver
I
10
CPH2
Sampling and shift clock for source driver
I
11
CPH3
Sampling and shift clock for source driver
I
12
STH2
Start pulse for source driver
I/O
Note 1
13
Q2H
Video input rotation control
I
14
INH
Output enable for source driver
I
15
R/L
Left/Right Control for source driver
I
16
VCOM
Common electrode voltage
I
Note 4
17
VCOM
Common electrode voltage
I
Note 4
18
XOE
Output enable for gate driver
I
19
CPV
Clock input for gate driver
I
20
U/D
Up/Down Control for gate driver
I
21
DIO2
Vertical start pulse
I/O
Note 5
22
DIO1
Vertical start pulse
I/O
Note 5
23
VGL
Gate off voltage (alternative every 1-H)
I
Note 4
24
VEE
Gate driver negative voltage
I
Note 6
25
VSS
GND
I
26
VCC
Logic power for gate driver
I
Note 3
27
VGH
Gate on voltage
I
Note 7
28
NC
No connection
Note 1: STHL, STHR and R/L mode
R/L
STHL
STHR
Remarks
High (VDD)
Input
Output
Left to Right
Low (0 Volt.)
Output
Input
Right to Left
Note 5: Dio1, DIO2 and U/D mode
U/D
DIO1
DIO2
Remarks
High (VDD)
Input
Output
Down to Up
Low (0 Volt.)
Output
Input
Up to Down
Note 2: AVDD = +5V (Typ.)
Note 3: VDD, VCC = +5V (Typ.)
Note 4: VCOM = 6VPP
Note 6: VEE = -15V (Typ.)
Note 7: VGH = -15V (Typ.)


Similar Part No. - AND-TFT-35XS-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-35XS-LED PURDY-AND-TFT-35XS-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-35XS-LED PURDY-AND-TFT-35XS-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
   LCD Color Monitor
More results

Similar Description - AND-TFT-35XS-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
   LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
   LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
   LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
   LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
   LCD Color Monitor
AND-TFT-5VX-KIT PURDY-AND-TFT-5VX-KIT Datasheet
577Kb / 11P
   LCD Color Monitor
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
   LCD Color Monitor
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
   LCD Color Monitor
AND-TFT-64PA-KIT PURDY-AND-TFT-64PA-KIT Datasheet
223Kb / 6P
   LCD Color Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com