Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND-TFT-5VX-KIT Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND-TFT-5VX-KIT
Description  LCD Color Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-5VX-KIT Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND-TFT-5VX-KIT Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 6Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 7Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 8Page - Purdy Electronics Corporation AND-TFT-5VX-KIT Datasheet HTML 9Page - Purdy Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AND-TFT-5VX-KIT
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
4
CN 1
Pin #.
Symbol
I/O
Function
Remark
1
DIO1
I/O
Horizontal Start Pulse Signal Input or Output
Note 1
2
VSS1
I
Ground
3
VDD1
I
Power Supply for Source
4
CLK
I
Horizontal Shift Clock)
5
VSS1
I
Ground
6
R/L
I
Up/Down selection
Note 2
7
R0
I
Red Data (LSB)
8
R1
I
Red Data
9
R2
I
Red Data
10
R3
I
Red Data
11
R4
I
Red Data
12
R5
I
Red Data (MSB)
13
Vss1
I
Ground
14
G0
I
Green Data (LSB)
15
G1
I
Green Data
16
G2
I
Green Data
17
G3
I
Green Data
18
G4
I
Green Data
19
G5
I
Green Data (MSB)
20
VSS1
I
Ground
21
B0
I
Blue Data (LSB)
22
B1
I
Blue Data
23
B2
I
Blue Data
24
B3
I
Blue Data
25
B4
I
Blue Data
26
B5
I
Blue Data (MSB)
27
LD
I
Load output signal
Note 3
28
REV
I
Data invert control
Note 4
29
POL
I
Polarity
Note 5
30
DIO2
I/O
Horizontal Start Pulse Signal Input or Output
Note 6
Recommended Operating Conditions (Driving for Backlight)
Ta = 25°C
Note 1: The wave form of lamp driving voltage should be as close to a perfect SIN wave as possible
Note 2: This value is not output voltage of inverter. The voltage of inverter must be larger than the starting voltage.
Item
Symbol
Remark
Specifications
Unit
Min.
Typ.
Max.
Lamp Voltage
VL
IL = 5 mA
432
480
528
Vrms
Lamp Current
IL
4.5
5.0
5.5
mA
Lamp Frequency
PL
Note 1
40
43
80
KHz
Kick-Off Voltage (25 °C)
VS
Note 2
600
Vrms
Kick-Off Voltage (0 °C)
VS
800
Vrms
Input / Output Terminals:
TFT-LCD Panel Driving


Similar Part No. - AND-TFT-5VX-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
   LCD Color Monitor
More results

Similar Description - AND-TFT-5VX-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
   LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
   LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
   LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
   LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
   LCD Color Monitor
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
   LCD Color Monitor
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
   LCD Color Monitor
AND-TFT-64PA-KIT PURDY-AND-TFT-64PA-KIT Datasheet
223Kb / 6P
   LCD Color Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com