Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76155-1615 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 76155-1615
Description  1.90 by 1.35mm (.075??by .053?? Pitch ImpactTM Backplane Connector System 4 Pair
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

76155-1615 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  76155-1615 Datasheet HTML 1Page - Molex Electronics Ltd. 76155-1615 Datasheet HTML 2Page - Molex Electronics Ltd. 76155-1615 Datasheet HTML 3Page - Molex Electronics Ltd. 76155-1615 Datasheet HTML 4Page - Molex Electronics Ltd. 76155-1615 Datasheet HTML 5Page - Molex Electronics Ltd. 76155-1615 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ORDERINg INFORMATION
Backplane Signal Headers (continued)
76155-0614
Left Endwall, Right Open, Tin-Lead
4.90mm
No Key
16
0.46mm
76155-0617
Left Endwall, Right Open, Tin-Lead
4.90mm
No Key
16
0.37mm
76155-1614
Left Endwall, Right Open, Lead-Free
4.90mm
No Key
16
0.46mm
76155-1617
Left Endwall, Right Open, Lead-Free
4.90mm
No Key
16
0.37mm
76155-0615
Left Endwall, Right Open, Tin-Lead
5.50mm
No Key
16
0.46mm
76155-0618
Left Endwall, Right Open, Tin-Lead
5.50mm
No Key
16
0.37mm
76155-1615
Left Endwall, Right Open, Lead-Free
5.50mm
No Key
16
0.46mm
76155-1618
Left Endwall, Right Open, Lead-Free
5.50mm
No Key
16
0.37mm
76155-0634
Right Endwall, Left Open, Tin-Lead
4.90mm
No Key
16
0.46mm
76155-0637
Right Endwall, Left Open, Tin-Lead
4.90mm
No Key
16
0.37mm
76155-1634
Right Endwall, Left Open, Lead-Free
4.90mm
No Key
16
0.46mm
76155-1637
Right Endwall, Left Open, Lead-Free
4.90mm
No Key
16
0.37mm
76155-0635
Right Endwall, Left Open, Tin-Lead
5.50mm
No Key
16
0.46mm
76155-0638
Right Endwall, Left Open, Tin-Lead
5.50mm
No Key
16
0.37mm
76155-1635
Right Endwall, Left Open, Lead-Free
5.50mm
No Key
16
0.46mm
76155-1638
Right Endwall, Left Open, Lead-Free
5.50mm
No Key
16
0.37mm
76155-2604
Guide Left, Open, Tin-Lead
4.90mm
No Key
16
0.46mm
76155-2607
Guide Left, Open, Tin-Lead
4.90mm
No Key
16
0.37mm
76155-3604
Guide Left, Open, Lead-Free
4.90mm
No Key
16
0.46mm
76155-3607
Guide Left, Open, Lead-Free
4.90mm
No Key
16
0.37mm
76155-2605
Guide Left, Open, Tin-Lead
5.50mm
No Key
16
0.46mm
76155-2608
Guide Left, Open, Tin-Lead
5.50mm
No Key
16
0.37mm
76155-3605
Guide Left, Open, Lead-Free
5.50mm
No Key
16
0.46mm
76155-3608
Guide Left, Open, Lead-Free
5.50mm
No Key
16
0.37mm
76155-4604
Guide Right, Open, Tin-Lead
4.90mm
No Key
16
0.46mm
76155-4607
Guide Right, Open, Tin-Lead
4.90mm
No Key
16
0.37mm
76155-5604
Guide Right, Open, Lead-Free
4.90mm
No Key
16
0.46mm
76155-5607
Guide Right, Open, Lead-Free
4.90mm
No Key
16
0.37mm
76155-4605
Guide Right, Open, Tin-Lead
5.50mm
No Key
16
0.46mm
76155-4608
Guide Right, Open, Tin-Lead
5.50mm
No Key
16
0.37mm
76155-5605
Guide Right, Open, Lead-Free
5.50mm
No Key
16
0.46mm
76155-5608
Guide Right, Open, Lead-Free
5.50mm
No Key
16
0.37mm
ImpactTM
Backplane Connector System
Order No.
Module Type
Pin Length
Key Position
Columns
Plated Through Hole Diameter


Similar Part No. - 76155-1615

ManufacturerPart #DatasheetDescription
logo
Heyco.
7615 HEYCO-7615 Datasheet
169Kb / 1P
   Specialty Female Connectors
logo
Christian Bürkert GmbH ...
7615 BURKERT-7615 Datasheet
759Kb / 10P
   Micro Dosing Unit for precise dosing in microlitre-range
06.08.2021
logo
Molex Electronics Ltd.
76150-1020 MOLEX-76150-1020 Datasheet
54Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Vishay Siliconix
76151E3 VISHAY-76151E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
76152E3 VISHAY-76152E3 Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results

Similar Description - 76155-1615

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1710201026 MOLEX1-1710201026_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
1710203026 MOLEX1-1710203026_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
1710205026 MOLEX1-1710205026_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
0754654204 MOLEX9-0754654204 Datasheet
320Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0758540504 MOLEX9-0758540504 Datasheet
235Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0752350705 MOLEX9-0752350705 Datasheet
262Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0758384104 MOLEX9-0758384104 Datasheet
273Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0753417776 MOLEX9-0753417776 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
0753414667 MOLEX9-0753414667 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
0753414476 MOLEX9-0753414476 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com