Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76155-9607 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 76155-9607
Description  1.90 by 1.35mm (.075??by .053?? Pitch ImpactTM Backplane Connector System 4 Pair
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

76155-9607 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  76155-9607 Datasheet HTML 1Page - Molex Electronics Ltd. 76155-9607 Datasheet HTML 2Page - Molex Electronics Ltd. 76155-9607 Datasheet HTML 3Page - Molex Electronics Ltd. 76155-9607 Datasheet HTML 4Page - Molex Electronics Ltd. 76155-9607 Datasheet HTML 5Page - Molex Electronics Ltd. 76155-9607 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
1.90 by 1.35mm
(.075” by .053”) Pitch
ImpactTM
Backplane Connector System
4 Pair
76155 Backplane
Signal Headers
76160 Daughtercard
Connectors
The Impact backplane connector system provides data
rates over 20 Gbps and superior signal density up to
80 differential pairs per inch. The Impact System’s
broad-edge-coupled technology enables low cross-talk
and high signal bandwidth while minimizing channel
performance variation across every differential pair
within the system.
Molex’s Impact System offers multiple compliant-pin
design options on both the daughtercard and backplane
connectors, providing customers ultimate flexibility
to optimize their designs for superior mechanical and
electrical performance. The Impact system’s mating
interface provides inline-staggered, bifurcated contacts
that provide 2 points of contact for long-term reliability
performance and built-in ground-signal sequencing.
This reduces the average mating force per connector
to improve the mechanical mating performance of
the system.
The Impact backplane connector system is designed for
traditional backplane and/or midplane architectures
to meet the growing demands of next-generation
telecommunication and data networking equipment
manufacturers. The Impact connector system is offered
in 3-, 4-, 5- and 6-pair versions, with a complete range
of guidance and power-solution options. For more
information on Molex’s Impact backplane connector
system, contact impact@molex.com
Molex’s Impact backplane connector system pushes the speed and density envelope to meet the
growing demands of next generation telecommunication and data networking equipment
Features and Benefits
n
Data rates over 20 Gbps support future system
performance upgrades
n
Broad-edge-coupled, differential-pair system for
superior density, low cross-talk, low insertion loss
and minimal performance variation across all high-
speed channels
n
Differential pair density up to 80 pairs per
linear inch provides the highest speed, highest
differential pair density per square inch in the
industry
n
IEEE 10GBASE-KR and Optical Internetworking
Forum (OIF) Stat Eye Compliant channel
performance demonstrates end-to-end channel
performance compliance
n
PCB routing flexibility provides simple 1.90 by
1.35mm (.075 by .053”) grid on both backplane
and daughtercard reduces PCB routing complexity
and costs
n
Two compliant-pin attach options provide customers
ultimate flexibility to optimize their designs for
superior mechanical and electrical performance
n
Inline staggered, bifurcated contact beams in
daughtercard interface for superior mating
performance with two points of contact for
long-term reliability and built-in ground-signal
sequencing
Reference Information
Packaging: Trays
UL File No.: Pending
CSA File No.: Pending
Designed In: Millimeters
Electrical
Signal Contact Current Rating: 1.0A
Contact to Plated Through-Hole Resistance:
1.0 milliohm max.
Dielectric Withstanding Voltage: 750V RMS
Insulation Resistance: 10,000 Megohms min.
Mechanical
Contact Insertion Force:
35.6N (8 lb) per contact.
Contact Retention Force:
4.45N (1.0 lb) min. per contact
Mating Force: 0.69N (0.15 lb) max. per contact
Durability: 200 cycles
Physical
Housing: Liquid Crystal Polymer, UL 94V-0
Contact: High Performance Copper (Cu) Alloy
Plating:
Contact Area — 0.76µm (30µ”) Gold (Au) min.
Termination Area — Tin (Sn) or Tin/Lead (Sn/Pb)
Underplating – Nickel (Ni)
PCB Thickness: 1.60mm (.062”) typical
Operating Temperature: -55 to +85°C max.
Impact 4 Pair by 10 Column Guide Left
Impact 4 Pair by 10 Column Red Card Demo


Similar Part No. - 76155-9607

ManufacturerPart #DatasheetDescription
logo
Heyco.
7615 HEYCO-7615 Datasheet
169Kb / 1P
   Specialty Female Connectors
logo
Christian Bürkert GmbH ...
7615 BURKERT-7615 Datasheet
759Kb / 10P
   Micro Dosing Unit for precise dosing in microlitre-range
06.08.2021
logo
Molex Electronics Ltd.
76150-1020 MOLEX-76150-1020 Datasheet
54Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Vishay Siliconix
76151E3 VISHAY-76151E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
76152E3 VISHAY-76152E3 Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results

Similar Description - 76155-9607

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1710201026 MOLEX1-1710201026_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
1710203026 MOLEX1-1710203026_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
1710205026 MOLEX1-1710205026_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, 1.90 by 1.35mm
0754654204 MOLEX9-0754654204 Datasheet
320Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0758540504 MOLEX9-0758540504 Datasheet
235Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0752350705 MOLEX9-0752350705 Datasheet
262Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0758384104 MOLEX9-0758384104 Datasheet
273Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0753417776 MOLEX9-0753417776 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
0753414667 MOLEX9-0753414667 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
0753414476 MOLEX9-0753414476 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com