Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANDPSI025TD-LED-KIT Datasheet(PDF) 7 Page - Purdy Electronics Corporation

Part # ANDPSI025TD-LED-KIT
Description  TFT LCD Color Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI025TD-LED-KIT Datasheet(HTML) 7 Page - Purdy Electronics Corporation

  ANDPSI025TD-LED-KIT Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 5Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 6Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 7Page - Purdy Electronics Corporation ANDPSI025TD-LED-KIT Datasheet HTML 8Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4/16/09
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
7
www.purdyelectronics.com
Displays
Displays
Connector
Connector
Input/Output
Remark
CN2
CVBS signal input
CON5
DC voltage input
Suggest to use 12V DC only
Panel
Pin
Symbol
I/O
Description
1
CP3
C
Capacitor for charge pump
2
CP4
C
Capacitor for charge pump
3
CP5
C
Capacitor for charge pump
4
CP6
C
Capacitor for charge pump
5
CP7
C
Capacitor for charge pump
6
CP8
C
Capacitor for charge pump
7
NC
No connection
8
PCDL
C
Capacitor for pre-charge data signal low
9
PCDH
C
Capacitor for -repcharge data signal high
10
VCOML
C
Capacitor for VCOM low
11
VCOMH
C
Capacitor for CVOM high
12
AGND
Analog ground
13
PVDD
C
Regulation capacitor for charge pump
14
AVDD
C
Regulation capacitor for analog voltage
15
CP1
C
Capacitor for charge pump
16
CP2
C
Capacitor for charge pump
17
PWM
O
Power transistor gate signal for the boost converter
18
FB
I
Main boost regulator feedback input
19
LED-
LED power: cathode
20
LED+
LED power: anode
21
NC
No connection
22
GND
Ground
23
VCC
Power supply
24
VD
I
Vertical sync input
25
HD
I
Horizontal sync input
26
DCLK
I
Clock signal, latch data onto line latches at the rising edge
27
DIN0
I
Data input
28
DIN1
I
Data input
29
DIN2
I
Data input
30
DIN3
I
Data input
31
DIN4
I
Data input
32
DIN5
I
Data input
33
DIN6
I
Data input
34
DIN7
I
Data input
35
SDA
I/O
Serial interface data line
36
SCL
I
Serial interface clock line
37
SCEN
I
Serial interface chip enable line
38
SHDB
I
Sleep mode setting pin
39
GRESTB
I
Global reset pin
ANDpSi025TD-LED-KIT


Similar Part No. - ANDPSI025TD-LED-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED PURDY-ANDPSI025TD-LED Datasheet
407Kb / 7P
   TFT LCD Color Monitor
More results

Similar Description - ANDPSI025TD-LED-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED PURDY-ANDPSI025TD-LED Datasheet
407Kb / 7P
   TFT LCD Color Monitor
logo
Sharp Corporation
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
   Color TFT-LCD Module(Desktop PC/Monitor)
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Desktop PC /Monitor)
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
   LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
   LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
   LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
   LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
   LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
   LCD Color Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com