Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F1056D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F1056D
Description  8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F1056D Datasheet(HTML) 4 Page - Texas Instruments

  SN74F1056D Datasheet HTML 1Page - Texas Instruments SN74F1056D Datasheet HTML 2Page - Texas Instruments SN74F1056D Datasheet HTML 3Page - Texas Instruments SN74F1056D Datasheet HTML 4Page - Texas Instruments SN74F1056D Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74F1056
8-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDFS085A – AUGUST 1992 – REVISED JULY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
ZO = 50 Ω
Length = 36 in.
(a) UNDERSHOOT TEST SETUP
ZS = 25Ω
1.03610
µs
Ch 1
= 2.000 V/div
Timebase = 5.00 ns/div
Vmarker 1 = 0.0000 V
Vmarker 2 = –600.00 mV
Offset = 2.340 V
Delay
= 1.06110
µs
Delta V = –600.0 mV
1.06110
µs
1.08610
µs
–2.6 V
Vmarker 1
Vmarker 2
(b) OSCILLOSCOPE DISPLAY
S1
S1 Open
S1 Closed
Figure 2. Undershoot Test Setup and Oscilloscope Display


Similar Part No. - SN74F1056D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1056D TI1-SN74F1056D Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056DG4 TI1-SN74F1056DG4 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056DR TI1-SN74F1056DR Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results

Similar Description - SN74F1056D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
[Old version datasheet]   16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com