Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND5610 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND5610
Description  LED Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND5610 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND5610 Datasheet HTML 1Page - Purdy Electronics Corporation AND5610 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Displays
OPTOELECTRONICS
OPTOELECTRONICS
OPTOELECTRONICS
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
7/18/07
B
F
A
C
G
1.68 Dia.
DP
D5
1
6
10
E
8.13
1.4
0.5 Dia.
8.0
2.54 x 4 = 10.16
3.5 Min.
12.4
AND-5610 Series
GaAsP/GaP–Red; GaP–Green
7 Segment, 0.56 Inch
Features
• 0.56 inch character height
• Available in red or green
• Suitable for numerical readout for instrument and
industrial products
• Industry pin-for-pin compatibility
• Available in both common cathode and common anode
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max; Soldering time: 3 sec. max; Soldering portion of lead: up to 2 mm from the body of the device.
2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be performed after the lead
forming.
Description
Size
Number
of Digits
Common
Color
Number
of Pins
Cathode
Anode
Display
Face
0.56 inch
1
AND-5610SCL
AND-5610SAL
Red
Red
10
0.56 inch
1
AND-5610GCL
AND-5610GAL
Green
Gray
10
Absolute Maximum Ratings (T = 25°C)
Characteristics
Symbol
Rating
Unit
DC Forward Current/Segment
IF(DC)/SEG
30
mA
Pulse Forward Current/Segment
IFP/SEG
100
mA
Reverse Voltage/Segment
VR
3 (Red), 5 (Green)
V
Operating Temperature Range
TOpr
-25 to 85
°C
Storage Temperature Range
TStg
-25 to 100
°C
Electro-Optical Characteristics (T = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 10 mA
–2.1
3.0
V
Reverse Current
IR
VR = 3 (Red), 5 (Green)
100
µA
Luminous Intensity
Per Segment
Red
IV
IF = 10 mA
2.0
3.3
mcd
Green
IV
IF = 10 mA
1.7
2.9
mcd
Peak Emission
Wavelength
Red
λP
IF = 10 mA
635
nm
Green
λP
IF = 10 mA
567
nm
Spectral Line
Half Width
Red
∆λ
IF = 10 mA
–40–
nm
Green
∆λ
IF = 10 mA
–30–
nm
Unit: mm
Product specifications contained herein may be changed without prior
notice. It is therefore advisable to contact Purdy Electronics before
proceeding with the design of equipment incorporating this product.
RoHS Compliant


Similar Part No. - AND5610

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND501GST PURDY-AND501GST Datasheet
132Kb / 2P
   20 Characters x 2 Lines Intelligent Alphanumeric Displays
AND501GST PURDY-AND501GST Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND501GST PURDY-AND501GST Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
AND501GST ETC2-AND501GST Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND501GST-LED PURDY-AND501GST-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND5610

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND1510 PURDY-AND1510 Datasheet
53Kb / 2P
   LED Displays
AND4310 PURDY-AND4310 Datasheet
49Kb / 2P
   LED Displays
AND8010-B PURDY-AND8010-B Datasheet
50Kb / 2P
   LED Displays
AND5420 PURDY-AND5420 Datasheet
50Kb / 2P
   LED Displays
AND8010 PURDY-AND8010 Datasheet
50Kb / 2P
   LED Displays
logo
Rohm
LUM ROHM-LUM Datasheet
175Kb / 3P
   LED displays
logo
Purdy Electronics Corpo...
AND2307 PURDY-AND2307 Datasheet
57Kb / 2P
   LED Displays
logo
List of Unclassifed Man...
BS-AA21 ETC-BS-AA21 Datasheet
215Kb / 2P
   SINGLEDIGIT LED DISPLAYS
logo
Micro Electronics
MG457A MICRO-ELECTRONICS-MG457A Datasheet
127Kb / 2P
   GREEN LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com