Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AND1741 Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND1741
Description  Intelligent Graphics Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND1741 Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND1741 Datasheet HTML 1Page - Purdy Electronics Corporation AND1741 Datasheet HTML 2Page - Purdy Electronics Corporation AND1741 Datasheet HTML 3Page - Purdy Electronics Corporation AND1741 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Intelligent Graphics Display
AND1741MST
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
3
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
7/20/07
Power Supply
LCD panel is driven by the voltage VDD–VEE, so adjustable
VEE is required for contrast control and temperature
compensation.
Timing Relationships and Diagram
Timing Diagram
Block Diagram
Temperature Variations
Temperature
V
DD–VEE (MST)
V
DD–VEE (BST)
0°C
21.0
20.0
+25°C
19.5
18.5
+50°C
17.6
16.6
Signal Timing Relationships
Item
Symbol
Min.
Max.
Unit
C/D Set Up Time
tCDS
100
ns
C/D Hold Time
tCDH
10
CE
, RD, WR
Pulse Width
tCEtRD,tWR
80
Data Set Up Time
tDS
80
Data Hold Time
tDH
40
Access Time
tACC
150
Output Hold Time
tOH
10
50
t
CDS
t
CP,tRD,tWP
t
ACC
t
CDH
t
DH
t
OH
t
DS
C/D
CE
RD, WR
D0-D7
(WRITE)
D0-D7
(READ)
80
80
X-Driver
80
X-Driver
64
Y-Driver
64
Y-Driver
Control Lines
ED
HSCP
FR
LP
CDATA
13
8
8
R/W
CE1
WR
D0-D7
RD
CE
C/D
RESET
LCD
V
FL
V
FL
Backlight
X-Driver
I/O0-I/O7
A0-A12
AD0-AD12
D0-D7
RAM
(8K byte)
T6963C
Because signal lines are directly connected
to C-MOS and are not pull-up or pull-down
internally, except RESET which is pull-up to
V
DD, you must guard all signals from
external noise.


Similar Part No. - AND1741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND1741MST ETC2-AND1741MST Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND1741

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND1743FST-T PURDY-AND1743FST-T Datasheet
253Kb / 4P
   Intelligent Graphics Display
AND1742MST2 PURDY-AND1742MST2 Datasheet
267Kb / 4P
   Intelligent Graphics Display
AND-1013ST PURDY-AND-1013ST Datasheet
134Kb / 3P
   Intelligent Graphics Display
AND1021ST PURDY-AND1021ST Datasheet
110Kb / 4P
   Intelligent Graphics Display
AND1391ST PURDY-AND1391ST Datasheet
224Kb / 4P
   Intelligent Graphics Display
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
MB86291A FUJITSU-MB86291A Datasheet
243Kb / 25P
   Graphics Display Controller
MB86292 FUJITSU-MB86292 Datasheet
236Kb / 25P
   Graphics Display Controller
MB86298 FUJITSU-MB86298 Datasheet
467Kb / 2P
   Graphics Display Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com