Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME41BEAT-1 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME41BEAT-1
Description  Shunt Bandgap Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41BEAT-1 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME41BEAT-1 Datasheet HTML 4Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 5Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 6Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 7Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 8Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 9Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 10Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 11Page - Analog Microelectronics AME41BEAT-1 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AME
9
AME41-ADJ
Shunt Bandgap Voltage Reference
Rev.G.03
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-92-3
12.7±0.2 mm
2000pcs
N/A
18.0
+1.0
-0.5
mm
n Tape and Reel Dimension
TO-92-3
Carrier Tape, Number of Components Per Reel and Reel Size
W
P
AME
AME
PIN 1
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOP-8
12.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm
SOP-8
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
W
P


Similar Part No. - AME41BEAT-1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41BEAT AME-AME41BEAT Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results

Similar Description - AME41BEAT-1

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
   Shunt Bandgap Voltage Reference
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
   Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
   5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
   5V Bandgap Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com