Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9721-1C-24DC1 Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ9721-1C-24DC1
Description  40 AMP AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9721-1C-24DC1 Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ9721-1C-24DC1 Datasheet HTML 1Page - American Zettler, Inc. AZ9721-1C-24DC1 Datasheet HTML 2Page - American Zettler, Inc. AZ9721-1C-24DC1 Datasheet HTML 3Page - American Zettler, Inc. AZ9721-1C-24DC1 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ
9/3/98W
5x.433
[11.0]
ø.217
[ø5.5]
5x.248
[6.3]
5x.177
[4.5]
.346
[8.8]
[9.6]
.378
1.102
[28.0]
.394
.984
[25.0]
[10.0]
.031
5x
[0.8]
.661
.150
[3.8]
ø.217
[ø5.5]
[6.3]
5x.248
5x.177
[4.5]
[28.0]
[9.6]
.346
[8.8]
1.102
.378
5x.433
[11.0]
1.102
[28.0]
[16.8]
86
85
86
86
85
30
85
87
86
85
87
[6.3]
5x.248
[4.5]
5x.177
86
30
85
87A
[25.0]
.984
.098
[2.5]
5x.031
[0.8]
.661
[16.8]
1.102
[28.0]
.165
[4.2]
5x.031
[0.8]
.661
1.102
[16.8]
[28.0]
1.102
[28.0]
[9.6]
.346
[8.8]
.378
5x.433
[11.0]
.394
[25.0]
.984
[10.0]
AZ9721-C2
1A
D2,D4
D1,D3
1C
R1,R2
AZ9721-C3
Wiring Diagram
AZ9721-C1
AZ9721
MECHANICAL DATA


Similar Part No. - AZ9721-1C-24DC1

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9720-01F AMAZING-AZ9720-01F Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
AZ9720-01F.R7G AMAZING-AZ9720-01F.R7G Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-12D AZETTLER-AZ9722-1A-12D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-24D AZETTLER-AZ9722-1A-24D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results

Similar Description - AZ9721-1C-24DC1

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com