Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ9721-1C-24DC3D4 Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ9721-1C-24DC3D4
Description  40 AMP AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9721-1C-24DC3D4 Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ9721-1C-24DC3D4 Datasheet HTML 1Page - American Zettler, Inc. AZ9721-1C-24DC3D4 Datasheet HTML 2Page - American Zettler, Inc. AZ9721-1C-24DC3D4 Datasheet HTML 3Page - American Zettler, Inc. AZ9721-1C-24DC3D4 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZ
9/3/98W
AZ9721-1C-12DC2R1
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
± 10%
12
7.8
17.8
80
24
17.0
36.0
320
RELAY ORDERING DATA
AZ9721
Blank - Standard no diode, no resistor
R1 -
680 Ohm, ½ w resistor in parallel with 12 V coil
2700 Ohm ½ w resistor in paralle with 24 V coil
R2 -
820 Ohm, ½ w resistor in parallel with 12 V coil
3200 Ohm ½ w resistor in parallel with 24 V coil
D1 -
1N4007 diode in parallel with coil, anode
on #85 terminal
D2 -
1N4007 diode in parallel with coil, cathode
on #85 terminal
D3 -
1N4004 diode in parallel with coil, anode
on #85 terminal
D4 -
1N4004 diode in parallel with coil, cathode
on #85 terminal
C1 -
Plastic dust cover with steel mounting bracket
C2 -
Plastic dust cover with plastic mounting bracket
C3 -
Plastic dust cover
24D - 24 volt coil
12D - 12 volt coil
1A -
SPNO Single pole normally open
1C -
SPDT Single pole double throw
Basic series designation - AZ9721


Similar Part No. - AZ9721-1C-24DC3D4

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9720-01F AMAZING-AZ9720-01F Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
AZ9720-01F.R7G AMAZING-AZ9720-01F.R7G Datasheet
244Kb / 7P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-12D AZETTLER-AZ9722-1A-12D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ9722-1A-24D AZETTLER-AZ9722-1A-24D Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results

Similar Description - AZ9721-1C-24DC3D4

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com